Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M59DR032E-ZB Datasheet(PDF) 10 Page - STMicroelectronics

Part # M59DR032E-ZB
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M59DR032E-ZB Datasheet HTML 6Page - STMicroelectronics M59DR032E-ZB Datasheet HTML 7Page - STMicroelectronics M59DR032E-ZB Datasheet HTML 8Page - STMicroelectronics M59DR032E-ZB Datasheet HTML 9Page - STMicroelectronics M59DR032E-ZB Datasheet HTML 10Page - STMicroelectronics M59DR032E-ZB Datasheet HTML 11Page - STMicroelectronics M59DR032E-ZB Datasheet HTML 12Page - STMicroelectronics M59DR032E-ZB Datasheet HTML 13Page - STMicroelectronics M59DR032E-ZB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
M59DR032EA, M59DR032EB
10/43
COMMAND INTERFACE
All Bus Write operations to the memory are inter-
preted by the Command Interface. Commands
consist of one or more sequential Bus Write oper-
ations. An internal Program/Erase Controller han-
dles all timings and verifies the correct execution
of the Program and Erase commands. Two bus
write cycles are required to unlock the Command
Interface. They are followed by a setup or confirm
cycle. The increased number of write cycles is to
ensure maximum data security.
The Program/Erase Controller provides a Status
Register whose output may be read at any time to
monitor the progress or the result of the operation.
The Command Interface is reset to Read mode
when power is first applied or exiting from Reset.
Command sequences must be followed exactly.
Any invalid combination of commands will reset
the device to Read mode
Read/Reset Command. The Read/Reset com-
mand returns the device to Read mode. One Bus
Write cycle is required to issue the Read/Reset
command and return the device to Read mode.
Subsequent Read operations will read the ad-
dressed location and output the data. The write cy-
cle can be preceded by the unlock cycles but it is
not mandatory.
Read CFI Query Command. The
Read
CFI
Query command is used to read data from the
Common Flash Interface (CFI) and the Electronic
Signature (Manufacturer or the Device Code, see
Table 5). The Read CFI Query Command consists
of one Bus Write cycle. Once the command is is-
sued the device enters Read CFI mode. Subse-
quent Bus Read operations read the Common
Flash Interface or Electronic Signature. Once the
device has entered Read CFI mode, only the
Read/Reset command should be used and no oth-
er. Issuing the Read/Reset command returns the
device to Read mode.
See Appendix B, Common Flash Interface, Tables
31, 32, and 33 for details on the information con-
tained in the Common Flash Interface memory ar-
ea.
Auto Select Command. The Auto Select com-
mand uses the two unlock cycles followed by one
write cycle to any bank address to setup the com-
mand. Subsequent reads at any address will out-
put
the
Block
Protection
status,
Protection
Register and Protection Register Lock or the Con-
figuration Register status depending on the levels
of A0 and A1 (see Tables 6, 7 and 8). Once the
Auto Select command has been issued only the
Read/Reset command should be used and no oth-
er. Issuing the Read/Reset command returns the
device to Read mode.
Set Configuration Register Command. The
M59DR032E contains a Configuration Register,
see Table 7, Configuration Register.
It is used to define the status of the Reset/Power-
Down functions. The value for the Configuration
Register is always presented on A0-A15, the other
address bits are ignored. Address input A10 de-
fines the status of the Reset/Power-Down func-
tions. If it is set to ‘0’ the Reset function is enabled,
if it is set to ‘1’ the Power-Down function is en-
abled. At Power Up the Configuration Register bit
is set to ‘0’.
The Set Configuration Register command is used
to write a new value to the Configuration Register.
The command uses the two unlock cycles followed
by one write cycle to setup the command and a
further write cycle to write the data and confirm the
command.
Program Command. The
Program
command
uses the two unlock cycles followed by a write cy-
cle to set up the command and a further write cycle
to latch the Address and Data and start the Pro-
gram Erase Controller. Read operations within the
same bank output the Status Register after pro-
gramming has started.
Note that the Program command cannot change a
bit set to ’0’ back to ’1’. One of the Erase Com-
mands must be used to set all the bits in a block or
in the whole bank from ’0’ to ’1’. If the Program
command is used to try to set a bit from ‘0’ to ‘1’
Status Register Error bit DQ5 will be set to ‘1’, only
if VPP is in the range of 11.4V to 12.6V.
Double Word Program Command. This feature
is offered to improve the programming throughput
by writing a page of two adjacent Words in parallel.
The VPP supply voltage is required to be from
11.4V to 12.6V for the Double Word Program com-
mand.
The command uses the two unlock cycles followed
by a write cycle to set up the command. A further
two cycles are required to latch the address and
data of the two Words and start the Program Erase
Controller.
The addresses must be the same except for the
A0. The Double Word Program command can be
executed in Bypass mode to skip the two unlock
cycles.
Note that the Double Word Program command
cannot change a bit set to ’0’ back to ’1’. One of the
Erase Commands must be used to set all the bits
in a block or in the whole bank from ’0’ to ’1’. If the
Double Word Program command is used to try to
set a bit from ‘0’ to ‘1’ Status Register Error bit DQ5
will be set to ‘1’.
Quadruple Word Program Command. The
Quadruple Word Program command improves the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com