Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM58248 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58248
Description  High Voltage Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58248 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM58248 Datasheet HTML 1Page - National Semiconductor (TI) MM58248 Datasheet HTML 2Page - National Semiconductor (TI) MM58248 Datasheet HTML 3Page - National Semiconductor (TI) MM58248 Datasheet HTML 4Page - National Semiconductor (TI) MM58248 Datasheet HTML 5Page - National Semiconductor (TI) MM58248 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Connection Diagrams
Dual-In-Line Package
TLF5599 – 2
Top View
Order Number MM58248N
See NS Package Number N40A
Plastic Chip Carrier
TLF5599 – 8
Top View
Order Number MM58248V
See NS Package Number V44A
FIGURE 2
Functional Description
This product is specifically designed to drive multiplexed or
non-multiplexed high voltage alphanumeric or dot matrix
vacuum fluorescent (VF) displays Character generation is
done externally in the microprocessor with a serial data
path to the display driver The MM58248 uses two signals
DATA IN and CLOCK with a format of a leading ‘1’ followed
by the 35 data bits hence allowing data transfer without an
additional signal A block diagram of the MM58248 is shown
in
Figure 1
Figure 2 shows the pinout of the MM58248 device where
output 1 (pin 18) is equivalent to bit 1 ie the first bit of data
to be loaded into the shift register following the start bit A
logic ‘1’ at the input will turn on the corresponding display
digitsegmentdot output
A significant reduction in discrete board components can be
achieved by the use of the MM58248 because external
pull-down resistors are not required Due to the nature of
the output stage both its on and off impedance values vary
as a function of the display voltage applied However
Fig-
ures 3a and 3b show that this output impedance will remain
constant for a fixed value of display voltage
Figure 4 demonstrates the critical timing requirements be-
tween CLOCK and DATA IN for the MM58248
In
Figure 5 a start bit of logic ‘1’ precedes the 35 bits of
data each bit being accepted on the rising edge of CLOCK
ie a ‘0’ – ‘1’ transition At the 36th clock a LOAD signal is
generated synchronously with the high state of the clock
thus loading the 35 bits of the shift register into the latches
At the low state of the clock a RESET signal is generated
clearing all bits of the shift register for the next set of data
Hence a complete set of 36 clock pulses is needed for the
MM58248 or the shift register will not clear To clear (reset)
the display driver at ‘power on’ or any time the following
flushing routine may be used Clock in 36 ‘‘zeroes’’ fol-
lowed by a ‘‘one’’ (start bit) followed by 35 ‘‘zeroes’’ This
procedure will completely blank the display It is recom-
mended to clear the driver at power on
Figure 6 shows a schematic diagram of a microprocessor-
based system where the MM58248 is used to provide the
anode drive for a 32-digit5x7dot matrix vacuum fluores-
cent (VF) display The grid drive in this example is provided
by another member of the high voltage display driver family
namely the MM58241 which has the additional features of
a BLANKING CONTROL pin a DATA OUT pin and an
ENABLE (external load signal) pin
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com