Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWR992 Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # TLWR992
Description  TELUX / Utilizing one of the world?셲 brightest (AS) AllnGaP technologies (OMA) / High luminous flux
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

TLWR992 Datasheet(HTML) 1 Page - Vaishali Semiconductor

  TLWR992 Datasheet HTML 1Page - Vaishali Semiconductor TLWR992 Datasheet HTML 2Page - Vaishali Semiconductor TLWR992 Datasheet HTML 3Page - Vaishali Semiconductor TLWR992 Datasheet HTML 4Page - Vaishali Semiconductor TLWR992 Datasheet HTML 5Page - Vaishali Semiconductor TLWR992 Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLWR992.
Document Number 83286
Rev. 1.2, 30-Nov-04
Vishay Semiconductors
www.vishay.com
1
19232
e3 Pb
Pb-free
TELUX™
Description
The TELUX™ series is a clear, non diffused LED for
applications where supreme luminous flux is required.
It is designed in an industry standard 7.62 mm square
package utilizing highly developed with super bright,
AllnGaP, OMA technology.
The supreme heat dissipation of TELUX™ allows
applications at high ambient temperatures.
All packing units are binned for luminous flux, forward
voltage and color to achieve the most homogenous
light appearance in application.
SAE and ECE color requirements for automobile
application are available for color red.
ESD resistivity 2kV (HBM) according to MIL
STD 883D, method 3015.7.
Features
• Utilizing one of the world’s brightest (AS) AllnGaP
technologies (OMA)
• High luminous flux
• Supreme heat dissipation: RthJP is 90 K/W
• High operating temperature:
Tamb = - 40 to + 110 °C
• Meets SAE and ECE color requirements for the
automobile industry for color red
• Packed in tubes for automatic insertion
• Luminous flux, forward voltage and color catego-
rized for each tube
• Small mechanical tolerances allow precise usage
of external reflectors or lightguides
• Lead-free device
Applications
Exterior lighting
Tail-, Stop - and Turn Signals of motor vehicles
Replaces small incandescent lamps
Traffic signals and signs
Parts Table
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLWR9920
Red,
φ
V > 3000 mlm
45 °
AllnGaP on GaAs
TLWR9921
Red,
φ
V > 3500 mlm
45 °
AllnGaP on GaAs
TLWR9922
Red,
φ
V > 4000 mlm
45 °
AllnGaP on GaAs


Similar Part No. - TLWR992

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR990 VISHAY-TLWR990 Datasheet
238Kb / 5P
Utilizing one of the world’s brightest (AS) AllnGaP technologies, non diffused LED
31-Aug-04
TLWR9900 VISHAY-TLWR9900 Datasheet
238Kb / 5P
Utilizing one of the world’s brightest (AS) AllnGaP technologies, non diffused LED
31-Aug-04
TLWR9900 VISHAY-TLWR9900 Datasheet
224Kb / 5P
TELUX LED
15-Dec-10
TLWR9900 VISHAY-TLWR9900 Datasheet
2Mb / 4P
LEDs for Automotive and Outdoor Applications
TLWR9900 VISHAY-TLWR9900 Datasheet
219Kb / 5P
TELUX LED
07-Oct-15
More results

Similar Description - TLWR992

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR990 VISHAY-TLWR990 Datasheet
238Kb / 5P
Utilizing one of the world’s brightest (AS) AllnGaP technologies, non diffused LED
31-Aug-04
logo
Microsemi Corporation
APT25GN120B MICROSEMI-APT25GN120B Datasheet
154Kb / 6P
Utilizing the latest Field Stop and Trench Gate technologies
logo
Delta Electronics, Inc.
DRR-20A DELTA-DRR-20A Datasheet
742Kb / 6P
The new Redundancy Module DRR 20A is the latest offering from one of the World?셲 No.1 Power Supply Company.
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
OptoSupply Internationa...
OS4W7NE1E1E OPTOSUPPLY-OS4W7NE1E1E Datasheet
144Kb / 2P
Highest Luminous Flux
OSWWH2E3E1E_VER.A.2 OPTOSUPPLY-OSWWH2E3E1E_VER.A.2 Datasheet
175Kb / 2P
Highest Luminous Flux
logo
HB Electronic Component...
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
Highest Luminous Flux
PLCC5630-W6 HB-PLCC5630-W6 Datasheet
1Mb / 13P
High luminous flux output
logo
Laird Tech Smart Techno...
LARGE-ENCLOSURE LSTD-LARGE-ENCLOSURE Datasheet
431Kb / 2P
As the world?셲 leading fabricator of fingerstock
logo
Vishay Siliconix
TLCY610 VISHAY-TLCY610 Datasheet
187Kb / 7P
Utilizing ultrabright AllnGaP
16-Mar-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com