Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5764CSU Datasheet(PDF) 1 Page - Analog Devices

Part # AD5764CSU
Description  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSU Datasheet(HTML) 1 Page - Analog Devices

  AD5764CSU Datasheet HTML 1Page - Analog Devices AD5764CSU Datasheet HTML 2Page - Analog Devices AD5764CSU Datasheet HTML 3Page - Analog Devices AD5764CSU Datasheet HTML 4Page - Analog Devices AD5764CSU Datasheet HTML 5Page - Analog Devices AD5764CSU Datasheet HTML 6Page - Analog Devices AD5764CSU Datasheet HTML 7Page - Analog Devices AD5764CSU Datasheet HTML 8Page - Analog Devices AD5764CSU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Complete, Quad, 14/16-Bit, High Accuracy,
Serial Input, Bipolar Voltage Output DAC
iCMOS
TM
Preliminary Technical Data
Rev. PrA
15-Nov-04
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Complete quad 14/16-bit D/A converter
Programmable output range: ±10 V, ±10.25 V, or ±10.5 V
±1 LSB max INL error, ±1 LSB max DNL error
Low noise : 60 nV/√Hz
Settling time: 10µs max
Integrated reference buffers
Internal reference, 10 ppm/°C
On-chip temp sensor, ±5°C accuracy
Output control during power-up/brownout
Programmable short-circuit protection
Simultaneous updating via LDAC
Asynchronous CLR to zero code
Digital offset and gain adjust
Logic output control pins
DSP/microcontroller compatible serial interface
Temperature range:−40°C to +85°C
iCMOS™ Process Technology
APPLICATIONS
Industrial automation
Open/Closed-loop servo control
Process control
Data acquisition systems
Automatic Test Equipment
Automotive test and measurement
High accuracy instrumentation
GENERAL DESCRIPTION
The AD5744/64 is a quad, 14/16-bit serial input, voltage output
digital-to analog converter that operates from supply voltages of
±12 V up to ±15 V. Nominal full-scale output range is ±10 V,
provided are integrated output amplifiers, reference buffers,
internal reference, and proprietary power-up/power-down
control circuitry. It also features a digital I/O port that may be
programmed via the serial interface, and an analog temperature
sensor. The part incorporates digital offset and gain adjust
registers per channel.
The AD5744/64 is a high performance converter that offers
guaranteed monotonicity, integral nonlinearity (INL) of ±1 LSB,
low noise and 10 µs settling time and includes an on-chip 5 V
reference with a reference tempco of 10 ppm/°C max. During
power-up (when the supply voltages are changing), Vout is
clamped to 0V via a low impedance path.
The AD5744/64 uses a serial interface that operates at clock rates
of up to 30 MHz and is compatible with DSP and microcontroller
interface standards. Double buffering allows the simultaneous
updating of all DACs. The input coding is programmable to either
twos complement or Offset binary formats. The asynchronous
clear function clears all DAC registers to either bipolar zero or
zero-scale depending on the coding used. The AD5744/64 is ideal
for both closed-loop servo control and open-loop control
applications. The AD5744/64 is available in a 32-lead TQFP
package, and offers guaranteed specifications over the −40°C to
+85°C industrial temperature range. See functional block
diagram, Figure 1.
iCMOS™ Process Technology
For analog systems designers within industrial/instrumentation equipment OEMs who need high performance ICs at higher-voltage levels, iCMOS is a
technology platform that enables the development of analog ICs capable of 30V and operating at +/-15V supplies while allowing dramatic reductions in
power consumption and package size, and increased AC and DC performance.
AD5744/AD5764


Similar Part No. - AD5764CSU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5764CSU AD-AD5764CSU Datasheet
266Kb / 27P
Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
21-Oct-2004
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy
Rev. F
AD5764CSUZ-REEL7 AD-AD5764CSUZ-REEL7 Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy
Rev. F
More results

Similar Description - AD5764CSU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5764 AD-AD5764 Datasheet
266Kb / 27P
Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
21-Oct-2004
AD5744R AD-AD5744R Datasheet
1Mb / 32P
Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Apr-2006
AD5764R AD-AD5764R Datasheet
1Mb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5744R AD-AD5744R_08 Datasheet
652Kb / 32P
Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. A
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5744R AD-AD5744R_15 Datasheet
548Kb / 32P
Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. E
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com