Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP55 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # BCP55
Description  60 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP55 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button BCP55 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 14Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 15Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 16Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP55_BCX55_BC55PA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 24 October 2011
13 of 22
Nexperia
BCP55; BCX55; BC55PA
60 V, 1 A NPN medium power transistors
VCE =2V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb =25 C
Fig 15. DC current gain as a function of collector
current; typical values
Fig 16. Collector current as a function of
collector-emitter voltage; typical values
VCE = 2 V
(1) Tamb = 55 C
(2) Tamb =25 C
(3) Tamb = 100 C
IC/IB =10
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Fig 17. Base-emitter voltage as a function of collector
current; typical values
Fig 18. Collector-emitter saturation voltage as a
function of collector current; typical values
006aac691
100
200
300
hFE
0
IC (A)
10–4
10
1
10–3
10–1
10–2
(1)
(2)
(3)
VCE (V)
0
2.0
1.6
0.8
1.2
0.4
006aaa084
0.8
0.4
1.2
1.6
IC
(A)
0
25
20
15
10
5
IB (mA) = 50
45
40
35
30
006aac692
0.4
0.8
1.2
VBE
(V)
0.0
IC (mA)
10–1
104
103
1102
10
(1)
(2)
(3)
006aac693
IC (mA)
10–1
104
103
1102
10
10–1
1
VCEsat
(V)
10–2
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com