Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP52 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCP52
Description  60 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP52 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCP52 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP52 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
Product profile
1.1 General description
NPN medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
[1]
Valid for all available selection groups.
1.2 Features and benefits
 High current
 Three current gain selections
 High power dissipation capability
 Exposed heatsink for excellent thermal and electrical conductivity (SOT89, SOT1061)
 Leadless very small SMD plastic package with medium power capability (SOT1061)
 AEC-Q101 qualified
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp  300 s;  = 0.02.
BCP55; BCX55; BC55PA
60 V, 1 A NPN medium power transistors
Rev. 8 — 24 October 2011
Product data sheet
Table 1.
Product overview
Type number[1]
Package
PNP complement
Nexperia
JEITA
JEDEC
BCP55
SOT223
SC-73
-
BCP52
BCX55
SOT89
SC-62
TO-243
BCX52
BC55PA
SOT1061
-
-
BC52PA
 Linear voltage regulators
 Power management
 Low-side switches
 MOSFET drivers
 Battery-driven devices
 Amplifiers
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
60
V
IC
collector current
-
-
1
A
ICM
peak collector current
single pulse; tp  1 ms
--2
A
hFE
DC current gain
VCE =2V; IC =150 mA [1] 63
-
250
hFE selection -10
VCE =2V; IC =150 mA [1] 63
-
160
hFE selection -16
VCE =2V; IC =150 mA [1] 100
-
250


Similar Part No. - BCP52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP52 PHILIPS-BCP52 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
STMicroelectronics
BCP52 STMICROELECTRONICS-BCP52 Datasheet
71Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1997
logo
Siemens Semiconductor G...
BCP52 SIEMENS-BCP52 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP52 FAIRCHILD-BCP52 Datasheet
46Kb / 4P
PNP General Purpose Amplifier
logo
Infineon Technologies A...
BCP52 INFINEON-BCP52 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
More results

Similar Description - BCP52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC637 NXP-BC637 Datasheet
161Kb / 15P
60 V, 1 A NPN medium power transistors
Rev. 07-25 June 2007
BCP52 NXP-BCP52_13 Datasheet
1Mb / 22P
60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
BCP52 PHILIPS-BCP52_15 Datasheet
1Mb / 22P
60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
BCP55 PHILIPS-BCP55_15 Datasheet
1Mb / 22P
60 V, 1 A NPN medium power transistors
Rev. 8-24 October 2011
logo
Nexperia B.V. All right...
BC55PA_SER NEXPERIA-BC55PA_SER Datasheet
250Kb / 12P
60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
BCP55-Q_SER NEXPERIA-BCP55-Q_SER Datasheet
247Kb / 12P
60 V, 1 A NPN medium power transistors
Rev. 2 - 1 July 2022
BCP55T_SER NEXPERIA-BCP55T_SER Datasheet
274Kb / 14P
60 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BCP55_SER NEXPERIA-BCP55_SER Datasheet
247Kb / 12P
60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
BCX55-Q_SER NEXPERIA-BCX55-Q_SER Datasheet
228Kb / 12P
60 V, 1 A NPN medium power transistors
Rev. 1 - 14 July 2022
BCX55_SER NEXPERIA-BCX55_SER Datasheet
241Kb / 12P
60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com