Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP41 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BSP41
Description  NPN medium power transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP41 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BSP41 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP41 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP41 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP41 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP41 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP41 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP41 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1999 Apr 26
3
NXP Semiconductors
Product data sheet
NPN medium power transistors
BSP41; BSP43
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board, single sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see “Thermal considerations for SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.01.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
93
K/W
Rth j-s
thermal resistance from junction to soldering point
12
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 60 V
−
100
nA
IE = 0; VCB = 60 V; Tj = 150 °C
−
50
μA
IEBO
emitter cut-off current
IC = 0; VEB = 5 V
−
100
nA
hFE
DC current gain
IC = 100 μA; VCE = 5 V; note 1
30
−
IC = 100 mA; VCE = 5 V; note 1
100
300
IC = 500 mA; VCE = 5 V; note 1
50
−
VCEsat
collector-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
−
0.25
V
IC = 500 mA; IB = 50 mA; note 1
−
0.5
V
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
−
1
V
IC = 500 mA; IB = 50 mA; note 1
−
1.2
V
fT
transition frequency
IC = 50 mA; VCE = 10 V; f = 100 MHz
100
−
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com