Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP61 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BSP61
Description  PNP Darlington transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP61 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BSP61 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP61 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP61 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP61 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP61 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP61 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP61 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP61 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP61 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
BSP61
PNP Darlington transistor
5. Pinning information
Table 2. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
B
base
2
C
collector
3
E
emitter
4
C
collector
1
3
2
4
SC-73 (SOT223)
aaa-027605
B
C
E
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BSP61
SC-73
plastic, surface-mounted package with increased heatsink; 4
leads; 4.6 mm pitch; 6.5 mm x 3.5 mm x 1.65 mm body
SOT223
7. Marking
Table 4. Marking codes
Type number
Marking code
BSP61
BSP61
BSP61
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
2 May 2018
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com