Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK3A Datasheet(PDF) 4 Page - Abracon Corporation

Part # AK3A
Description  Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AK3A Datasheet(HTML) 4 Page - Abracon Corporation

  AK3A Datasheet HTML 1Page - Abracon Corporation AK3A Datasheet HTML 2Page - Abracon Corporation AK3A Datasheet HTML 3Page - Abracon Corporation AK3A Datasheet HTML 4Page - Abracon Corporation AK3A Datasheet HTML 5Page - Abracon Corporation AK3A Datasheet HTML 6Page - Abracon Corporation AK3A Datasheet HTML 7Page - Abracon Corporation AK3A Datasheet HTML 8Page - Abracon Corporation AK3A Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 09-27-22
For terms and conditions of sales, please visit:
www.abracon.com
Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
AK3A
3.2 x 2.5 x 1.0 mm
RoHS/RoHS II Compliant
MSL Level = N/A
Request Samples
Check Inventory
AK3A
-
Part Number Example:
AK3APAF1-156.2500
AK3APAF1-156.2500T
AK3APAF1-156.2500T3
Note 11: Contact Abracon for non-standard part number configurations and/or requests with carrier frequency callouts up to 5 & 6 digit accuracy after the
decimal
(5): Output Frequency
in MHz
Please specify the
Frequency in
units of MHz
out to 4
-digit accuracy
after the decimal.
Example:
“156.2500”=156.25MHz
(3): Stability over OTR
D: ±15 ppm over -20°C to +70°C
Q: ±20 ppm over -40°C to +85°C
(**)
F: ±25 ppm over -40°C to +85°C
(**) Contact Abracon for availability
(1): Output
P: LVPECL
D: LVDS
H: HCSL
(2): Vdd
A: 3.3V
B: 2.5V
(*)
D: 2.375 ~ 3.63V
(*)
(*) Excluding LVPECL
Options and Part Identification [Note 11]
(6): Packaging
Blank: Bulk
T: Tape & Reel 1,000 units
T3: Tape & Reel 3,000 units
(4): OE Function
1: OE Pin 1; Active High
3: OE Pin 2; Active High



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com