Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-ONEMP Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST-ONEMP
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST-ONEMP Datasheet HTML 21Page - STMicroelectronics ST-ONEMP Datasheet HTML 22Page - STMicroelectronics ST-ONEMP Datasheet HTML 23Page - STMicroelectronics ST-ONEMP Datasheet HTML 24Page - STMicroelectronics ST-ONEMP Datasheet HTML 25Page - STMicroelectronics ST-ONEMP Datasheet HTML 26Page - STMicroelectronics ST-ONEMP Datasheet HTML 27Page - STMicroelectronics ST-ONEMP Datasheet HTML 28Page - STMicroelectronics ST-ONEMP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
When the voltage on POTP drops below VPOVTH the conversion is stopped and the device enters fault.
The fault is managed as conditioned-restart.
8.7.7
Primary side undervoltage lockout
In case the voltage on PVCC drops below VPVCCOff the IC enters auto-restart fault mode.
8.7.8
Fault summary
The following table summarizes the faults and their effect.
Table 10. Faults table
Fault
Side
Effect
Comment
UVLO
Primary
Auto-restart
OVP
Primary
Enter burst
Primary side stops and enters burst. In case the secondary side gives
no signal, the system enters UVLO.
OCP
Primary
Auto-restart
Second level OC may happen in case of output short. The effect is a
shutdown.
SSTO
Primary
Auto-restart
Soft-start timeout (SS pin reached VSSEND).
POTP
Primary
Conditioned-restart
Overtemperature protection.
BO
Primary
Conditioned-restart
In case of brown-out, switching is stopped. Primary side stops until the
BO condition disappears.
All fault conditions are cleared.
XCD
Primary
Conditioned-restart
X-Cap discharge is managed in the same way as brown-out.
OCP
Secondary
Load switch
Turn off
If load switch is not present, protection is performed by primary side
OCP.
OVP
Secondary
Enter burst
If OVP is triggered secondary side stops and waits the voltage drop
under safe condition.
UVP
Secondary
Auto-restart
If UVP last for 480us the system stops switching waiting for primary side
restart.
UVLO
Secondary
Auto-restart
If secondary side hits UVLO, the system stops switching waiting for
primary side restart.
SOTP
Secondary
Auto-restart
The secondary overtemperature value is programmable and is
considered also a warning temperature (if enabled) before the SOTP.
The fault does not stop switching, but turns off the load switch and
sends a hard reset command on the USB-PD.
8.8
X-cap discharge
Safety regulations such as IEC 62368-1 require that the capacitors directly connected to the input plug (so called
“X-Caps”) are discharged when the converter mains connector is removed from the outlet, in order to avoid the
risk of electrical shock to the user.
Typically, this function is performed by means of a resistor in parallel, but this method cannot be applied in case
the converter requires very low power consumption during light-load or no-load operation, because the losses of
the X-cap discharging resistor would be too high.
The ST-ONEMP monitors the input voltage through the HV pin and discharges the X-capacitors through the HV
pin TXCDDET after a plug disconnection is detected.
The discharge continues until the voltage on HV falls below VHVmin or the plug is connected again.
Note that a DC voltage on the HV pin is interpreted as a plug disconnection, so the device cannot operate with
DC input voltage.
ST-ONEMP
X-cap discharge
DS13989 - Rev 2
page 25/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com