Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF512SRI Datasheet(PDF) 11 Page - STMicroelectronics

Part # STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STEF512SRI Datasheet HTML 7Page - STMicroelectronics STEF512SRI Datasheet HTML 8Page - STMicroelectronics STEF512SRI Datasheet HTML 9Page - STMicroelectronics STEF512SRI Datasheet HTML 10Page - STMicroelectronics STEF512SRI Datasheet HTML 11Page - STMicroelectronics STEF512SRI Datasheet HTML 12Page - STMicroelectronics STEF512SRI Datasheet HTML 13Page - STMicroelectronics STEF512SRI Datasheet HTML 14Page - STMicroelectronics STEF512SRI Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Figure 9. Current monitor simplified circuit
IMON_5 = IOUT_5 x AI_5
IMON_12 = IOUT_12 x AI_12
IMON_SEL
IMON_5/12
STEF512SRI
CMON
RMON
The current monitoring circuit is also equipped with an internal clamp that limits the voltage on the pin at a static
value of 1.8 V. Bypassing the pin to GND with a minimum CMON of 1 nF is recommended as it avoids voltage
spikes during fast output current transition.
6.6
Thermal shutdown
If the device temperature exceeds the thermal threshold, typically 165 °C, the thermal shutdown circuitry turns
the power MOSFET off, thus disconnecting the load. The power MOSFET remains in an off-state until the die
temperature drops below the hysteresis value. Once this happens, the internal auto-retry circuit attempts to reset
the device.
The device is also equipped with a differential thermal protection that avoids damage in case of fast thermal
gradients inside the chip. When the differential thermal protection is activated, both channels are switched off.
This protection works in auto-retry mode without soft-start phase.
6.7
Reverse current blocking feature on the 5 V channel
The 5 V eFuse contains a second power transistor (ISOFET) connected in a back-to-back configuration with the
main one, to prevent significant current flowing back from the 5 V output into the 5 V input, in case of input short
to ground, brown-out, or a deep input voltage glitch. The simplified structure is shown in Figure 10. The ISOFET
is controlled by the UVLO circuit and by a reverse comparator, which continuously monitors the voltage difference
between the VIN_5 and VOUT_5.
As soon as the reverse comparator detects a significant negative voltage across the 5 V eFuse (typically 50 mV),
the M2 transistor is immediately turned off. M2 can be turned back on only if the voltage drop across the eFuse
has become zero (no negative current). However, in case of slow VIN_5 decay, the VOUT_5 voltage follows the
VIN_5 because of the output capacitor being discharged through the eFuse into the VIN_5, hence no significant
negative voltage is generated across the eFuse. In that case the UVLO circuit serves as a “stop loss” feature,
that is, the information from the reverse comparator is overridden by the VIN_5 undervoltage lockout and the M2
is forced to turn off. As soon as the UVLO threshold has been reached again, the eFuse restarts with normal
soft-start cycle.
Figure 10. 5 V reverse current protection block diagram
STEF512SRI
Thermal shutdown
DS14138 - Rev 1
page 11/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com