Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGYA120M65DF2AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGYA120M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGYA120M65DF2AG Datasheet(HTML) 1 Page - STMicroelectronics

  STGYA120M65DF2AG Datasheet HTML 1Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 2Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 3Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 4Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 5Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 6Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGYA120M65DF2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Max247 long leads
TAB
1
2
3
1
2
3
TAB
C(2, TAB)
E(3)
NG1E3C2T
G(1)
Features
•
AEC-Q101 qualified
•
6 µs of short-circuit withstand time
•
VCE(sat) = 1.65 V (typ.) @ IC = 120 A
•
Tight parameter distribution
•
Safer paralleling
•
Positive VCE(sat) temperature coefficient
•
Low thermal resistance
•
Soft and very fast recovery antiparallel diode
•
Maximum junction temperature: TJ = 175 °C
Applications
•
Heating system
•
HV battery disconnect and fire-off system
•
Main inverter (electric traction)
Description
This device is an IGBT developed using an advanced proprietary trench gate field-
stop structure. The device is part of the M series IGBTs, which represent an optimal
balance between inverter system performance and efficiency where the low-loss
and the short-circuit functionality is essential. Furthermore, the positive VCE(sat)
temperature coefficient and the tight parameter distribution result in safer paralleling
operation.
Product status link
STGYA120M65DF2AG
Product summary
Order code
STGYA120M65DF2AG
Marking
G120M65DF2AG
Package
Max247 long leads
Packing
Tube
Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT
in a Max247 long leads package
STGYA120M65DF2AG
Datasheet
DS11783 - Rev 5 - November 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGYA120M65DF2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
More results

Similar Description - STGYA120M65DF2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STGF30M65DF2 STMICROELECTRONICS-STGF30M65DF2 Datasheet
731Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 30 A low-loss in a TO-220FP package
11-Apr-2017
STGYA50H120DF2 STMICROELECTRONICS-STGYA50H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, high-speed H series IGBT in a Max247 long leads package
12-Jan-2022
STGYA50M120DF3 STMICROELECTRONICS-STGYA50M120DF3 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package
01-Oct-2021
STGYA75H120DF2 STMICROELECTRONICS-STGYA75H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 75 A, high-speed H series IGBT in a Max247 long leads package
13-Oct-2021
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2_V01 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low-loss in a D²PAK package
04-May-2017
STGSB200M65DF2AG STMICROELECTRONICS-STGSB200M65DF2AG Datasheet
572Kb / 17P
Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
29-Nov-2021
GWA40MS120DF4AG STMICROELECTRONICS-GWA40MS120DF4AG Datasheet
340Kb / 15P
Automotive-grade trench gate field-stop, 1200 V, 40 A, low-loss MS series IGBT in a TO-247 long leads package
01-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com