Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B0IB Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32H7B0IB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0IB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32H7B0IB Datasheet HTML 46Page - STMicroelectronics STM32H7B0IB Datasheet HTML 47Page - STMicroelectronics STM32H7B0IB Datasheet HTML 48Page - STMicroelectronics STM32H7B0IB Datasheet HTML 49Page - STMicroelectronics STM32H7B0IB Datasheet HTML 50Page - STMicroelectronics STM32H7B0IB Datasheet HTML 51Page - STMicroelectronics STM32H7B0IB Datasheet HTML 52Page - STMicroelectronics STM32H7B0IB Datasheet HTML 53Page - STMicroelectronics STM32H7B0IB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 205 page
background image
Pin/ball name(1) (2)
Pin name
(function after
reset)
Pin type
I/O
structure
Alternate functions
Additional functions
-
J14
-
-
-
-
VSS
S
-
-
-
D10
C10
-
81
114
142
PD0
I/O
FT_h2
DFSDM1_CKIN6, UART4_RX,
FDCAN1_RX, UART9_CTS, FMC_D2/
FMC_DA2, LCD_B1, EVENTOUT
-
C10
A10
-
82
115
143
PD1
I/O
FT_h2
DFSDM1_DATIN6, UART4_TX,
FDCAN1_TX, FMC_D3/FMC_DA3,
EVENTOUT
-
E9
B10
54
83
116
144
PD2
I/O
FT_h0
TRACED2, TIM3_ETR, TIM15_BKIN,
UART5_RX, LCD_B7, SDMMC1_CMD,
DCMI_D11/PSSI_D11, LCD_B2,
EVENTOUT
-
D9
A9
-
84
117
145
PD3
I/O
FT_h2
DFSDM1_CKOUT, SPI2_SCK/
I2S2_CK, USART2_CTS/USART2_NSS,
FMC_CLK, DCMI_D5/PSSI_D5,
LCD_G7, EVENTOUT
-
C9
C9
-
85
118
146
PD4
I/O
FT_h1
USART2_RTS, OCTOSPIM_P1_IO4,
FMC_NOE, EVENTOUT
-
A9
B9
-
86
119
147
PD5
I/O
FT_h1
USART2_TX, OCTOSPIM_P1_IO5,
FMC_NWE, EVENTOUT
-
-
K2
-
-
120
148
VSS
S
-
-
-
-
-
-
-
121
149
VDDMMC
S
-
-
-
B9
D9
-
87
122
150
PD6
I/O
FT_sh3
SAI1_D1, DFSDM1_CKIN4,
DFSDM1_DATIN1, SPI3_MOSI/
I2S3_SDO, SAI1_SD_A, USART2_RX,
OCTOSPIM_P1_IO6, SDMMC2_CK,
FMC_NWAIT, DCMI_D10/PSSI_D10,
LCD_B2, EVENTOUT
-
D8
B8
-
88
123
151
PD7
I/O
FT_sh3
DFSDM1_DATIN4, SPI1_MOSI/
I2S1_SDO, DFSDM1_CKIN1,
USART2_CK, SPDIFRX1_IN0,
OCTOSPIM_P1_IO7, SDMMC2_CMD,
FMC_NE1, EVENTOUT
-
-
K6
-
-
-
-
VSS
S
-
-
-
A6
D5
-
-
-
-
VDDMMC
S
-
-
-
C8
A8
-
-
124
152
PG9
I/O
FT_sh3
SPI1_MISO/I2S1_SDI, USART6_RX,
SPDIFRX1_IN3, OCTOSPIM_P1_IO6,
SAI2_FS_B, SDMMC2_D0, FMC_NE2/
FMC_NCE, DCMI_VSYNC/PSSI_RDY,
EVENTOUT
-
A8
C8
-
-
125
153
PG10
I/O
FT_sh3
OCTOSPIM_P2_IO6, SPI1_SS/
I2S1_WS, LCD_G3, SAI2_SD_B,
SDMMC2_D1, FMC_NE3, DCMI_D2/
PSSI_D2, LCD_B2, EVENTOUT
-
B8
A7
-
-
126
154
PG11
I/O
FT_sh3
LPTIM1_IN2, SPI1_SCK/I2S1_CK,
SPDIFRX1_IN0, OCTOSPIM_P2_IO7,
SDMMC2_D2, USART10_RX,
DCMI_D3/PSSI_D3, LCD_B3,
EVENTOUT
-
E8
D8
-
-
127
155
PG12
I/O
FT_sh3
LPTIM1_IN1, OCTOSPIM_P2_NCS,
SPI6_MISO/I2S6_SDI, USART6_RTS,
SPDIFRX1_IN1, LCD_B4,
SDMMC2_D3, USART10_TX,
FMC_NE4, LCD_B1, EVENTOUT
-
D7
B7
-
-
128
156
PG13
I/O
FT_sh3
TRACED0, LPTIM1_OUT,
SPI6_SCK/I2S6_CK, USART6_CTS/
USART6_NSS, SDMMC2_D6,
USART10_CTS/USART10_NSS,
FMC_A24, LCD_R0, EVENTOUT
-
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 50/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com