Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U595AI Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 54Page - STMicroelectronics STM32U595AI Datasheet HTML 55Page - STMicroelectronics STM32U595AI Datasheet HTML 56Page - STMicroelectronics STM32U595AI Datasheet HTML 57Page - STMicroelectronics STM32U595AI Datasheet HTML 58Page - STMicroelectronics STM32U595AI Datasheet HTML 59Page - STMicroelectronics STM32U595AI Datasheet HTML 60Page - STMicroelectronics STM32U595AI Datasheet HTML 61Page - STMicroelectronics STM32U595AI Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 377 page
background image
Functional overview
STM32U59xxx
58/377
DS13633 Rev 1
foreground, and memory-to memory with pixel format conversion, blending and fixed
color background
•
Area filling with a fixed color
•
Copy from an area to another
•
Copy with pixel format conversion between source and destination images
•
Copy from two sources with independent color format and blending
•
Output buffer byte swapping to support refresh of displays through parallel interface
•
Abort and suspend of DMA2D operations
•
Watermark interrupt on a user programmable destination line
•
Interrupt generation on bus error or access conflict
•
Interrupt generation on process completion
3.21
Chrom-GRC (GFXMMU)
The GFXMMU is a graphical oriented memory management unit aimed to:
•
Optimize memory usage according to the display shape
•
Cache linear accesses to the frame buffer
•
Prefetch data
The GFXMMU main features are:
•
Fully programmable display shape to physically store only the visible pixel
•
Up to 4 virtual buffers
•
Each virtual buffer have 3072 or 4096 bytes per line and 1024 lines
•
Each virtual buffer can be physically mapped to any system memory
•
Optional cache for linear accesses
•
Cache can be locked to a virtual buffer
•
Cache prefetch mechanism for linear accesses anticipation
•
Interrupt in case of buffer overflow (1 per buffer)
•
Interrupt in case of memory transfer error
3.22
Interrupts and events
3.22.1
Nested vectored interrupt controller (NVIC)
The devices embed a NVIC that is able to manage 16 priority levels and to handle up to 138
maskable interrupt channels plus the 16 interrupt lines of the Cortex-M33.
The NVIC benefits are the following:
•
closely coupled NVIC giving low-latency interrupt processing
•
interrupt entry vector table address passed directly to the core
•
early processing of interrupts
•
processing of late arriving higher priority interrupts
•
support for tail chaining
•
processor state automatically saved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com