| Electronic Components Datasheet Search |
|
STM32U545NET6QTR Datasheet(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545NET6QTR Datasheet(HTML) 114 Page - STMicroelectronics |
|
114 / 283 page ![]() - - - - - 85 A9 - - - 85 B7 PD4 I/O FT_h - SPI2_MOSI, MDF1_CKI0, OCTOSPI1_IO4, EVENTOUT - - - - - - 86 A8 - - - 86 A6 PD5 I/O FT_h - SPI2_RDY, OCTOSPI1_IO5, EVENTOUT - - - - - - 87 B8 - - - 87 B6 PD6 I/O FT_hv - SAI1_D1, DCMI_D10/PSSI_D10, SPI3_MOSI, MDF1_SDI1, OCTOSPI1_IO6, SAI1_SD_A, EVENTOUT - - - - - - 88 A7 - - - 88 A5 PD7 I/O FT_h - MDF1_CKI1, OCTOSPI1_IO7, LPTIM4_OUT, EVENTOUT - -- - - B5 - - - - - - - PG9 I/O FT_hs (5) OCTOSPI1_IO6, SPI3_SCK(boot), USART1_TX, TIM15_CH1N, EVENTOUT - -- - - A4 - - - - - - - PG10 I/O FT_hs (5) LPTIM1_IN1, OCTOSPI1_IO7, SPI3_MISO(boot), USART1_RX, TIM15_CH1, EVENTOUT - - - - - C6 - - - - - - - PG11 I/O FT_hs (5) LPTIM1_IN2, OCTOSPI1_IO5, SPI3_MOSI, USART1_CTS, TIM15_CH2, EVENTOUT - -- - - D9 - - - - - - - PG12 I/O FT_hs (5) LPTIM1_ETR, OCTOSPI1_NCS, SPI3_NSS(boot), USART1_RTS_DE, EVENTOUT - - - - - C8 - - - - - - - PG13 I/O FT_fhs (5) I2C1_SDA, SPI3_RDY, USART1_CK, EVENTOUT - Table 27. STM32U545xx pin/ball definitions(1) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |