Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X0402MB Datasheet(PDF) 5 Page - STMicroelectronics

Part # X0402MB
Description  4 A Sensitive gate SCR in DPAK package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0402MB Datasheet(HTML) 5 Page - STMicroelectronics

  X0402MB Datasheet HTML 1Page - STMicroelectronics X0402MB Datasheet HTML 2Page - STMicroelectronics X0402MB Datasheet HTML 3Page - STMicroelectronics X0402MB Datasheet HTML 4Page - STMicroelectronics X0402MB Datasheet HTML 5Page - STMicroelectronics X0402MB Datasheet HTML 6Page - STMicroelectronics X0402MB Datasheet HTML 7Page - STMicroelectronics X0402MB Datasheet HTML 8Page - STMicroelectronics X0402MB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 7. Non repetitive surge peak on-state current for a
sinusoidal pulse with width tp < 10 ms and corresponding
value of I²t
Figure 8. On-state characteristics (maximum values)
Figure 9. Relative variation of static dV/dt immunity
versus gate-to-cathode resistance (typical values)
Figure 10. Relative variation of static dV/dt immunity
versus gate-to-cathode capacitance (typical values)
Figure 11. Relative variation of static dV/dt immunity
versus junction temperature
Figure 12. Thermal resistance junction to ambient versus
copper surface under tab (typical values)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
DPAK
X0402MB
Characteristics (curves)
DS14030 - Rev 1
page 5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com