Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB514IDT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSB514IDT
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB514IDT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSB514IDT Datasheet HTML 15Page - STMicroelectronics TSB514IDT Datasheet HTML 16Page - STMicroelectronics TSB514IDT Datasheet HTML 17Page - STMicroelectronics TSB514IDT Datasheet HTML 18Page - STMicroelectronics TSB514IDT Datasheet HTML 19Page - STMicroelectronics TSB514IDT Datasheet HTML 20Page - STMicroelectronics TSB514IDT Datasheet HTML 21Page - STMicroelectronics TSB514IDT Datasheet HTML 22Page - STMicroelectronics TSB514IDT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
6.3
SO8 package information
Figure 40. SO8 package outline
Table 11. SO8 mechanical data
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
A1
0.1
0.25
0.004
0.01
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
c
0.17
0.23
0.007
0.01
D
4.8
4.9
5
0.189
0.193
0.197
E
5.8
6
6.2
0.228
0.236
0.244
E1
3.8
3.9
4
0.15
0.154
0.157
e
1.27
0.05
h
0.25
0.5
0.01
0.02
L
0.4
1.27
0.016
0.05
L1
1.04
0.04
k
0
8 °
1 °
8 °
ccc
0.1
0.004
TSB511, TSB512, TSB514
SO8 package information
DS13885 - Rev 1
page 19/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com