Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0402MH Datasheet(PDF) 2 Page - STMicroelectronics

Part # Z0402MH
Description  4 A - Triac in IPAK package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0402MH Datasheet(HTML) 2 Page - STMicroelectronics

  Z0402MH Datasheet HTML 1Page - STMicroelectronics Z0402MH Datasheet HTML 2Page - STMicroelectronics Z0402MH Datasheet HTML 3Page - STMicroelectronics Z0402MH Datasheet HTML 4Page - STMicroelectronics Z0402MH Datasheet HTML 5Page - STMicroelectronics Z0402MH Datasheet HTML 6Page - STMicroelectronics Z0402MH Datasheet HTML 7Page - STMicroelectronics Z0402MH Datasheet HTML 8Page - STMicroelectronics Z0402MH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tc = 107 °C
4
A
ITSM
Non repetitive surge peak on-state current (full cycle,
Tj initial = 25 °C)
t = 16.7 ms
16
A
t = 20 ms
15
I2t
I2t value for fusing
tp = 10 ms
1.5
A2s
dl/dt
Critical rate of rise of on-state current, IG = 2 x IGT, tr
≤ 100 ns, f = 120 Hz
Tj = 125 °C
50
A/µs
VDRM/VRRM
Repetitive peak off-state voltage
Tj = 125 °C
600
V
VDSM/VRSM
Non Repetitive peak off-state voltage, 10 ms
750
V
IGM
Maximum peak gate current
tp = 20 µs, Tj = 125 °C
1.2
A
PGM
Maximum gate power dissipation
0.5
W
Tstg
Storage temperature range
-40 to +125
°C
Tj
Operating junction temperature range
-40 to +125
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Value
Unit
IGT(1)
VD = 12 V, RL = 33 Ω
Max.
3
mA
VGT
VD = 12 V, RL = 33 Ω
Max.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ
Tj = 125 °C
Min.
0.2
V
IL
IG = 1.2 x IGT
I-III-IV
Max.
10
mA
II
Max.
15
mA
IH (2)
IT = 500 mA, gate open
Max.
5
mA
dV/dt (2)
VD = 67 % VDRM ; VR = 67 % VRRM , gate open
Tj = 110 °C
Min.
20
V/µs
(dV/dt)c (2)
(dI/dt)c = 1.8 A/ms
Tj = 110 °C
Min.
0.5
V/µs
1. For both polarities of OUT pin referenced to COM pin.
2. For both polarities of A2 referenced to A1.
Table 3. Static characteristics
Symbol
Test conditions
Tj
Value
Unit
VTM (1)
ITM = 5.5 A, tp = 380 µs
25 °C
Max.
2
V
VTO (1)
Threshold voltage
125 °C
Max.
0.95
V
RD(1)
Dynamic resistance
125 °C
Max.
180
mΩ
IDRM/IRRM
VD = VR = VDRM = VRRM
25 °C
Max.
5
µA
125°C
0.5
mA
1. For both polarities of A2 referenced to A1.
Z0402MH
Characteristics
DS14064 - Rev 1
page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com