| Electronic Components Datasheet Search |
|
STM32G0C1NET3XTR Datasheet(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1NET3XTR Datasheet(HTML) 89 Page - STMicroelectronics |
|
89 / 159 page ![]() DS13564 Rev 4 89/159 STM32G0C1xC/xE Electrical characteristics 124 Figure 23. HSI48 frequency versus temperature Low-speed internal (LSI) RC oscillator 1. VDD = 3 V, TA = –40 to 125°C unless otherwise specified. 2. Guaranteed by design. 3. Guaranteed by characterization results. 4. Jitter measurement are performed without clock source activated in parallel. MSv40989V1 -6 -4 -2 0 2 4 6 -50 -30 -10 10 30 50 70 90 110 130 Avg min max °C % Table 46. LSI oscillator characteristics(1) Symbol Parameter Conditions Min Typ Max Unit fLSI LSI frequency VDD = 3.0 V, TA = 30 °C 31.04 - 32.96 kHz VDD = 1.62 V to 3.6 V, TA = -40 to 125 °C 29.5 - 34 tSU(LSI)(2) LSI oscillator start-up time - - 80 130 μs tSTAB(LSI)(2) LSI oscillator stabilization time 5% of final frequency - 125 180 μs IDD(LSI)(2) LSI oscillator power consumption - - 110 180 nA 1. Based on characterization results, not tested in production. 2. Guaranteed by design. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |