Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS97U870 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS97U870
Description  i.8V Wide Range Frequency Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS97U870 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS97U870 Datasheet HTML 1Page - Renesas Technology Corp ICS97U870 Datasheet HTML 2Page - Renesas Technology Corp ICS97U870 Datasheet HTML 3Page - Renesas Technology Corp ICS97U870 Datasheet HTML 4Page - Renesas Technology Corp ICS97U870 Datasheet HTML 5Page - Renesas Technology Corp ICS97U870 Datasheet HTML 6Page - Renesas Technology Corp ICS97U870 Datasheet HTML 7Page - Renesas Technology Corp ICS97U870 Datasheet HTML 8Page - Renesas Technology Corp ICS97U870 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ICS97U870
Advance Information
Pin Descriptions
Terminal
Name
AGND
AVDD
CLK_INT
CLK_INC
FB_INT
FB_INC
FB_OUTT
FB_OUTC
OE
OS
GND
V
DD
Q
CLKT[0:9]
CLKC[0:9]
NB
Description
Analog Ground
Analog power
Clock input with a (10K-100K Ohm) pulldown resistor
Complentary clock input with a (10K-100K Ohm) pulldown resistor
Feedback clock input
Complementary feedback clock input
Feedback clock output
Complementary feedback clock output
Output Enable (Asynchronous)
Output Select (tied to GND or V
000)
Ground
Logic and output power
Clock outputs
Complementary clock outputs
No ball
Electrical
Characteristics
Ground
1.8 V nominal
Differential input
Differential input
Differential input
Differential input
Differential output
Differential output
LVCMOS input
LVCMOS input
Ground
1.8V nominal
Differential outputs
Differential outputs
The PLL clock buffer,
ICS97U870, is designed for aVooa of 1.8V, a AVoo of 1.8Vand differential data input and output
levels. Package options include a plastic 52-ballVFBGA and a 40-pin MLF.
ICS97U870 is a zero delay buffer that distributes a differential clock input pair(CLK_INT, CLK_INC) to ten differential
pair of clock outputs(CLKT[0:9], CLKC[0:91) and one differential pair feedback clock outputs(FB_OUTT, FBOUTC).
The clock outputs are controlled by the input clocks(CLK_INT, CLK_INC), the feedbackclocks(FB_INT, FB_INC), the
LVCMOS program pins(OE, OS) and the Analog Power input(AVDD). When OE is low, the outputs(except FB_OUTT/
FB_OUTC) are disabled while the internal PLL continues to maintain its locked-in frequency. OS(Output Select) is a
program pin that must be tied to GND orVooa.When OS is high, OE will function as described above. When OS is low,
OE has no effect on CLKT7/CLKC7(they are free running in addition to FB_OUTT/FB_OUTC).When AVoo is grounded,
the PLL is turned off and bypassed for test purposes.
When both clock signals(CLK_INT, CLK_INC) are logic low, the device will enter a low power mode. An input logic
detection circuit on the differential inputs, independent from the input buffers, will detect the logic low level and perform
a low power state where all outputs, the feedback and the PLL are OFF. When the inputs transition from both being logic
low to being differential signals, the PLL will be turned back on, the inputs and outputs will be enabled and the PLL
will obtain phase lock between thefeedbackclock pair(FB_INT, FB_INC) and the input clockpair(CLK_INT, CLK_INC)
within the specified stabilization time tsrAB,
The PLL in
ICS97U870 clock driver uses the input clocks(CLK_INT, CLK_INC) and the feedback clocks(FB_INT,
FB_INC) toprovidehigh-performance, low-skew, low-jitteroutputdifferentialclocks(CLKT[0:9], CLKC[0:9]).
ICS97U870
is also able to track Spread Spectrum Clocking(SSC) for reduced EMI.
ICS97U870 is characterized for operation from 0°C to 70°C.
0817---07/07/03
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com