Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMB-260 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-260
Description  Intel® Atom® C3000 Mini-ITX Server Board with 4 DDR4, 1 PCIe x4, 8 SATA3, 4 USB 3.0, Dual 10GbE, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-260 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-260 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-260 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server Boards
Features
ƒ Mini-ITX server board with Intel® Atom® C3000 processor
ƒ Four DDR4 2400MHz ECC/Non-ECC UDIMM up to 64GB or four DDR4
2400MHz RDIMM up to 128GB
ƒ One PCIe x4, 8 SATA III, one M.2, four USB 3.0, and two 10GbE/one GbE
LAN
ƒ 0 ~ 60 °C ambient operation temperature range
Intel® Atom® C3000 Mini-ITX Server
Board with 4 DDR4, 1 PCIe x4, 8 SATA3,
4 USB 3.0, Dual 10GbE, IPMI
Specifications
Form Factor
Mini-ITX form factor
Processor System
Socket
Onboard SOC
CPU type
Intel® Atom® C3000
Core Logic
Chipset
N/A
Memory
Total slots
4 (Dual Channel)
Capacity
Maximum 128GB for RDIMM
Maximum 64BGB for UDIMM
Memory type
DDR4 2400/2133/1866/1600 MHz DIMM
Memory size
4 GB, 8 GB, 16 GB, 32GB (only for RDIMM)
Expansion Slots
Total PCI/PCI-X/PCIe slots
1
Slot location 1
PCIe x4 slot (Gen3 x4 link)
Graphics
VGA
Aspeed AST 2500
Storage
IDE controller
-
SATA controller
8 x SATA III + 1 x M.2 6 Gb/s ports
SAS controller
-
Networking
GbE/10GbE LAN
Intel I210AT/Intel X557-AT2 (dual 10GbE ports)
Onboard I/O Connector
LPC connector
1
PSU connector
24-pin ATX power connector or 4-pin 12V DC input
USB connector
1 x USB3.0 pin header ( supports 2 x USB 3.0 port*)
Fan header
5 x 4-pin (4 for system + 1 for CPU)
SMBus
1
Chassis intruder
1
Front LAN LED
1
Audio Header
-
Serial port header
1
Rear I/O Connector
External serial port
1
External USB port
2 (supports 2 x USB 3.0)
VGA port
1
RJ-45
3 (share NIC for IPMI function)
PS/2 KB/mouse
-
Management Solution
Software
-
Out of band remote
management
Yes
Monitoring
CPU temperature
Yes
System Monitoring
Yes
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirement
Power On
3.3V
5V
12V
5Vsb
-12V
0.10A
0.10A
6.41A
0.54A
0A
Environment
Operating
Non-operating
Temperature
0 ~ 60 °C, depends on CPU speed and cooler solution
-40 ~ 85 °C
Humidity
10% ~ 95%
10% ~ 95% (Non condensing)
Physical Characteristics
Dimension (L x H)
170 x 170 mm (6.7" x 6.7")
*USB boot feature can't be supposed on USB port 4.
ASMB-260
GbE LAN + 2 USB 3.0
VGA1 + COM1
DDR4 Memory Slot
CPU
COM2
2 10GbE LAN
PCIex4
2 USB 3.0
SATA0-7
NEW
All product specifications are subject to change without notice.
Last updated: 11-Mar-2019


Similar Part No. - ASMB-260

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-260I-22A1 ADVANTECH-ASMB-260I-22A1 Datasheet
966Kb / 2P
Mini 4 Bay Server Tower
27-Jun-2018
ASMB-260T2-22A1 ADVANTECH-ASMB-260T2-22A1 Datasheet
966Kb / 2P
Mini 4 Bay Server Tower
27-Jun-2018
More results

Similar Description - ASMB-260

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-825 ADVANTECH-ASMB-825 Datasheet
517Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable ATX Server Board with 6 DDR4, 4 PCIe x16 2 PCIe x8, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-925 ADVANTECH-ASMB-925 Datasheet
469Kb / 2P
Dual LGA3647-P0 Intel짰 Xeon짰 Scalable EATX Server Board with 12 DDR4, 5 PCIe x16 1 PCIe x8 1 PCI, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-975 ADVANTECH-ASMB-975 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-586 ADVANTECH-ASMB-586 Datasheet
447Kb / 2P
LGA 1151 Intel® Xeon® E & 8th/9th Generation Core™ MicroATX Server Board with 4 DDR4, 4 PCIe, 6 USB 3.1, 8 SATA3, Quad/Dual LANs, IPMI
20-Sep-2022
ASMB-622 ADVANTECH-ASMB-622 Datasheet
558Kb / 2P
Dual LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16 DDR4, 4 PCIe x16, 3 PCIe x8, 1 PCIe x4, 5 SATA3, 4 USB3.0, IPMI
22-Jul-2021
ASMB-805 ADVANTECH-ASMB-805 Datasheet
572Kb / 2P
LGA 2066 Intel® Xeon® W Workstation Motherboard with 8 DDR4, 3 PCIe x16, 6 SATA3, 8 USB3.0, IPMI
29-Nov-2019
ASMB-927 ADVANTECH-ASMB-927 Datasheet
424Kb / 2P
Dual LGA4677 Intel® 4th Gen Xeon® Scalable EATX Server Board with 16 DDR5, 4 PCIe x16, 9 SATA3.0, 6 USB 3.2 (Gen1), Dual 10GbE, and IPMI
8-Feb-2023
ASMB-935 ADVANTECH-ASMB-935 Datasheet
444Kb / 2P
Dual LGA3647-P0 Intel® Xeon® Scalable EATX Server Board with 24 DDR4, 5 PCIe x16 1 PCIe x8, 10 SATA3.0, 6 USB3.0, Dual 10GbE, IPMI
17-Feb-2022
ASMB-976 ADVANTECH-ASMB-976 Datasheet
494Kb / 2P
LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
5-Dec-2022
ASMB-977 ADVANTECH-ASMB-977 Datasheet
493Kb / 2P
Dual LGA4677 4th Gen Intel® Xeon® Scalable Server Board with 16x DDR5, 5 x PCIe x16, 9 x SATA3, 4 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
9-Mar-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com