Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMB-586 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-586
Description  LGA 1151 Intel® Xeon® E & 8th/9th Generation Core™ MicroATX Server Board with 4 DDR4, 4 PCIe, 6 USB 3.1, 8 SATA3, Quad/Dual LANs, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-586 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-586 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-586 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server Boards
Features
ASMB-586
ƒ
LGA 1151 Intel® Xeon® E and 8th/9th generation Core™ i7/i5/i3 processors
with C246 chipset
ƒ
DDR4 ECC/Non-ECC 2666/2400/2133 MHz UDIMM up to 128GB
ƒ
One PCIe x16, two PCIe x4 and one PCIe x1 slots
ƒ
Triple displays - DVI-D, VGA and HDMI 2.0 ports
ƒ
Eight SATA3 ports and six USB 3.1 ports
ƒ
0 ~ 60° C ambient operating temperature range
Note: Supported OS including Windows 10 (64-bit) and Server 2016 (64-bit)
have been validated.
LGA 1151 Intel® Xeon® E & 8th/9th
Generation Core™ MicroATX Server
Board with 4 DDR4, 4 PCIe, 6 USB 3.1,
8 SATA3, Quad/Dual LANs, IPMI
Specifications
Form Factor
Micro ATX form factor
Processor System
Socket
Intel LGA 1151
CPU type
Intel® Xeon® E-21xx/E-22xx and 8th/9th Gen Core™ i3/i5/i7 series processors (TDP up to 95W)
Core Logic
Chipset
Intel C246 chipset
Memory
Total slots
4 (Dual Channel)
Capacity
Maximum 128 GB
Memory type
DDR4 ECC/Non-ECC 2666/2400/2133 MHz UDIMM (288-pin)*
Memory size
4 GB, 8 GB, 16 GB, 32GB
Expansion Slots
Total PCIe slots
4
Slot location 1
-
Slot location 2
-
Slot location 3
-
Slot location 4
PCIe x4 slot (Gen3 x4 link)
Slot location 5
PCIe x1 slot (Gen3 x1 link)
Slot location 6
PCIe x16 slot (Gen3 x16 link)
Slot location 7
PCIe x4 slot (Gen3 x4 link)
Graphics
Controller
Intel HD Graphics**
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Storage
SATA controller
Intel C246: 8 SATA3 6Gb/s Intel Rapid Storage Technology Enterprise (for Windows only)
(Supports software RAID 0, 1, 10 & 5)
SAS controller
-
Networking
GbE LAN
1 x Intel I219LM + 3 x Intel I210AT
Onboard I/O Connector
LPT connector
-
PSU connector
24-pin SSI power connector + 8-pin SSI 12 V power connector
USB connector
1 USB 3.1 Gen 1 (2 ports), 3 USB 2.0 (6 ports), 1 USB Type-A
Fan header
5 (4-pin)
SMBus
1
Chassis intruder
1
Front LAN LED
2
Serial port header
2 (RS-232)
Audio Header
1 (ALC 892)
PS/2 KB/Mouse
1 (Optional PS/2 KB/Mouse cable and bracket required)
Rear I/O Connector
External serial port
- (via COM cable in the package)
External USB port
4 (USB 3.1 Gen 2)
VGA port
1 (Resolution up to 1920 x 1200 @ 60 Hz)
DVI port
1 (Resolution up to 1920 x 1200 @ 60 Hz)
HDMI
1 (Resolution up to 4096 x 2160 @ 60 Hz)
RJ-45
4
PS/2 KB/mouse
-
Audio
2 (Mic-in , Line-out)
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirement
Power On
3.3 V
5 V
12 V
12V_8P
5 Vsb
-12 V
(Xeon E-2176G 3.7GHz DDR4
2400 4G*4)
3.87A
4.11A
0.63A
6.28A
0.09A
0.238A
Environment
Operating
Non-operating
Temperature
0 ~ 60° C, depends on CPU speed and cooler solution
-40 ~ 85° C
Humidity
0% ~ 95%
5% ~ 95% (Non condensing)
Physical Characteristics
Dimensions
244 x 244 mm (9.6" x 9.6")
* ECC will not be supported when paired with Core i5/i7 processors.
** Some Xeon processors have no graphic support. Please check Intel specification for processor graphics availability.
PCIe x4
LAN2_USB3_4
HDMI1_VGA1
DVI1
AUDIO LAN1_USB1_2
LAN3_LAN4
COM1
Intel LGA1151 Socket
DDR4 2666 MHz
Max 64GB
PMBUS1
COM2
USB2.0
USB3.1
KBMS1
USB Type-A
8 SATAIII
Intel C246 PCH
PCIe x1
PCIe x16
BMC1
NEW
All product specifications are subject to change without notice.
Last updated: 20-Sep-2022


Similar Part No. - ASMB-586

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-584 ADVANTECH-ASMB-584 Datasheet
680Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584 ADVANTECH-ASMB-584 Datasheet
710Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
680Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
710Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
More results

Similar Description - ASMB-586

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-785G2-00A1E ADVANTECH-ASMB-785G2-00A1E Datasheet
1Mb / 2P
LGA 1151 Intel짰 Xeon짰 E3 v5/v6 & 6th/7th Generation Core??ATX Server Board with DDR4, 4 PCIe, 3 PCI, 6 USB 3.0, 6 COM, 6 SATA3, Quad/Dual LANs
ASMB-585 ADVANTECH-ASMB-585_V01 Datasheet
712Kb / 2P
LGA 1151 Intel짰 Xeon짰 E3 v5/v6 & 6th/7th Generation Core??series MicroATX Server Board with 4 DDR4, 1 PCIe x16,3 PCIe x4, Quad LANs, USB 3.0
13-Sep-2017
ASMB-785 ADVANTECH-ASMB-785_V01 Datasheet
1Mb / 2P
LGA 1151 Intel짰 Xeon짰 E3 v5/v6 & 6th/7th Generation Core??ATX Server Board with 4 DDR4, 4 PCIe, 3 PCI, 6 USB 3.0, 6 COM, 6 SATA3, Quad/Dual LANs
13-Sep-2017
ASMB-786 ADVANTECH-ASMB-786 Datasheet
618Kb / 2P
LGA 1151 Intel짰 Xeon짰 E & 8th Generation Core??ATX Server Board with 4 DDR4, 7 PCIe, 6 USB 3.1, 8 SATA3, Quad/Dual LANs, IPMI
EPC-P30X6 ADVANTECH-EPC-P30X6 Datasheet
648Kb / 2P
2U system with 8th/9th Gen Intel® Core™ i CPU (LGA 1151)
9-Feb-2022
ASMB-260 ADVANTECH-ASMB-260 Datasheet
845Kb / 2P
Intel® Atom® C3000 Mini-ITX Server Board with 4 DDR4, 1 PCIe x4, 8 SATA3, 4 USB 3.0, Dual 10GbE, IPMI
11-Mar-2019
ASMB-587 ADVANTECH-ASMB-587 Datasheet
429Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ MicroATX Server Board with 4 x DDR4, 3 x PCIe, 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
20-Sep-2022
ASMB-622 ADVANTECH-ASMB-622 Datasheet
558Kb / 2P
Dual LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16 DDR4, 4 PCIe x16, 3 PCIe x8, 1 PCIe x4, 5 SATA3, 4 USB3.0, IPMI
22-Jul-2021
ASMB-805 ADVANTECH-ASMB-805 Datasheet
572Kb / 2P
LGA 2066 Intel® Xeon® W Workstation Motherboard with 8 DDR4, 3 PCIe x16, 6 SATA3, 8 USB3.0, IPMI
29-Nov-2019
ASMB-976 ADVANTECH-ASMB-976 Datasheet
494Kb / 2P
LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
5-Dec-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com