Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMB-588 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-588
Description  LGA 1700 Intel® 12th Gen. Core™ MicroATX Server Board with 4 x DDR5, 3 x PCIe (1 x Gen 5, 2 x Gen 4), 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-588 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-588 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-588 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server Boards
Features
ASMB-588
ƒ
LGA 1700 Intel® 12th Gen. Core™ i9/i7/i5/i3 processors with W680
chipset
ƒ
DDR5 ECC/Non-ECC 4400/4000/3600 MHz UDIMM up to 128 GB
ƒ
One PCIe x16 (Gen 5) and two PCIe x4 (Gen 4) slots
ƒ
Triple displays - DVI-D, VGA, and HDMI 2.0 ports
ƒ
Five SATA 3 ports and six USB 3.2 ports
ƒ
One M.2 2280 (PCIe x4)
ƒ
Rackmount optimized placement with positive air flow design
ƒ
0 ~ 60 °C (32 ~ 140 °F) ambient operating temperature range
LGA 1700 Intel® 12th Gen. Core™
MicroATX Server Board with 4 x DDR5,
3 x PCIe (1 x Gen 5, 2 x Gen 4), 6 x USB
3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
Specifications
Form Factor
Micro ATX form factor
Processor System
Socket
Intel® LGA 1700
CPU type
12th Gen Intel® Core™ i9/i7/i5/i3 series processors (TDP up to 125W)
Core Logic
Chipset
Intel® W680 chipset
Memory
Total slots
4 (Dual Channel)
Capacity
Maximum 128 GB
Memory type
DDR5 ECC/Non-ECC 4400/4000/3600 MHz UDIMM (288-pin)*
Memory size
8 GB, 16 GB, 32 GB
Expansion Slots
Total PCIe slots
3
Slot location 1
-
Slot location 2
-
Slot location 3
-
Slot location 4
PCIe x4 slot (Gen 4 x4 link)
Slot location 5
-
Slot location 6
PCIe x16 slot (Gen 5 x16 link)
Slot location 7
PCIe x4 slot (Gen 4 x4 link)
Graphics
Controller
Intel® HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Storage
SATA controller
Intel® W680: 5 SATA3 6Gb/s ports with Rapid Storage Technology support (for Windows only)
(Supports software RAID 0, 1, 10 & 5)
SAS controller
-
Networking
GbE LAN
1 x Intel® I219LM + 3 x Intel® I210AT
Onboard I/O Connector
LPT connector
-
PSU connector
24-pin SSI power connector + 8-pin SSI 12 V power connector
USB connector
7, 1 x USB 3.2 Gen 1 (2 ports), 2 x USB 2.0 (4 ports), 1 x USB 2.0 Type-A
M.2 connector
1 x M.2 2280 (PCIe)
Fan header
5 x (4-pin)
SMBus
1
Chassis intruder
1
Front LAN LED
2
Serial port header
2, 1 x RS-232 dual-port (2 ports)
Audio Header
1 x (ALC 888S)
PS/2 KB/Mouse
-
Rear I/O Connector
External serial port
1 (via COM cable in the package)
External USB port
4 x (USB 3.2 Gen 2)
VGA port
1 x (Resolution up to 1920 x 1200 @ 60 Hz)
DVI port
1 x (Resolution up to 1920 x 1200 @ 60 Hz)
HDMI
1 x (Resolution up to 4096 x 2160 @ 60 Hz)
RJ-45
4
PS/2 KB/mouse
-
Audio
2 x (Mic-in , Line-out)
Power Requirement
Power On
3.3 V
5 V
12 V
12V_8P
5 VSB
(Core i9-12900K 3.2GHz DDR5
4800 16 GB x 4)
0.76 A
0.92 A
0.03 A
4.82 A
0.15 A
Environment
Operating
Non-operating
Temperature
0 ~ 60 °C, depends on CPU speed and cooler solution
-40 ~ 85 °C
Humidity
40 °C @ 95% RH Non-condensing
60 °C @ 95% RH Non-condensing
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Physical Characteristics
Dimensions
Programmable 1 ~ 255 sec/min
244 x 244 mm (9.6 x 9.6 in)
* ECC will not be supported when paired with Core i3 processors.
NEW
COM2_3
PCIe x4
USB 3.0
PCIe x16
M2_2280
USB 2.0
5 SATAIII
Intel® W680 PCH
BMC2
USB Type-A Intel® LGA1700 Socket
AUDIO LAN2_USB3C2 DVI1_COM1
PCIe x4
LAN1_USB3C1
HDMI1_VGA1
LAN3_LAN4
DDR5 4400 MHz
Max 128 GB
PMBUS1
All product specifications are subject to change without notice.
Last updated: 6-Oct-2022


Similar Part No. - ASMB-588

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-584 ADVANTECH-ASMB-584 Datasheet
680Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584 ADVANTECH-ASMB-584 Datasheet
710Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
680Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
710Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
More results

Similar Description - ASMB-588

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-822I ADVANTECH-ASMB-822I Datasheet
1Mb / 2P
Intel LGA2011 Xeon짰 E5 ATX Server Board with 6 x DDR3, 5 x PCIe x16 slot (Gen 3.0), USB 3.0, IPMI
SYS-4U4000-4S03 ADVANTECH-SYS-4U4000-4S03_15 Datasheet
736Kb / 2P
4U LGA 2011 Xeon짰 E5 Server with 6 x DDR3, 5 x PCIe x16 slot (Gen 3.0), IPMI
ASMB-822-00A2E ADVANTECH-ASMB-822-00A2E Datasheet
573Kb / 2P
Intel짰 LGA2011 Xeon짰 E5 ATX Server Board with 6 x DDR3, 5 x PCIe x16 slot (Gen 3.0), USB 3.0, IPMI
ASMB-587 ADVANTECH-ASMB-587 Datasheet
429Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ MicroATX Server Board with 4 x DDR4, 3 x PCIe, 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
20-Sep-2022
ASMB-610 ADVANTECH-ASMB-610 Datasheet
825Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ Proprietary Server Board with 4 x DDR4, 1 x PCIeX16, 2 x PCIeX4, 5 x USB 3.2, 3 x SATA 3, Quad LANs and IPMI
6-Jan-2022
ASMB-610V3 ADVANTECH-ASMB-610V3 Datasheet
443Kb / 2P
LGA 1700 Intel® 12th Gen. Core™ Proprietary Server Board with 4 x DDR5, 1 x PCIeX16, 2 x PCIeX4, 5 x USB 3.2, 4 x SATA 3, Quad LANs and IPMI
15-Sep-2022
ASMB-787 ADVANTECH-ASMB-787 Datasheet
442Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ ATX Server Board with 4 x DDR4, 5 x PCIe, 2 x PCI, 6 x USB 3.2, 5 x SATA 3, Quad/Dual LANs, and IPMI
20-Sep-2022
ASMB-788 ADVANTECH-ASMB-788 Datasheet
1Mb / 2P
LGA 1700 Intel® 12th Gen. Core™ ATX server motherboard, 4 x DDR5, 5 x PCIe (1 x Gen 5, 3 x Gen 4, 1 x Gen 3), 7 x USB 3.2, 4 x SATA3, Quad/Dual LANs, IPMI
November 22, 2022
ASMB-976 ADVANTECH-ASMB-976 Datasheet
494Kb / 2P
LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
5-Dec-2022
ASMB-977 ADVANTECH-ASMB-977 Datasheet
493Kb / 2P
Dual LGA4677 4th Gen Intel® Xeon® Scalable Server Board with 16x DDR5, 5 x PCIe x16, 9 x SATA3, 4 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
9-Mar-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com