Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6388TCX Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM8AF6388TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388TCX Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM8AF6388TCX Datasheet HTML 63Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 64Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 65Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 66Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 67Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 68Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 69Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 70Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
DocID031156 Rev 1
67/116
STM8AF6388
Electrical characteristics
114
Current consumption curves
Figure 13 to Figure 18 show typical current consumption measured with code executing in
RAM.
Figure 13. Typ. IDD(RUN)HSE vs. VDD
@fCPU = 16 MHz, peripherals = on
Figure 14. Typ. IDD(RUN)HSE vs. fCPU
@VDD = 5.0 V, peripherals = on
0
1
2
3
4
5
6
7
8
9
10
2.533.5
44.555.5
6
V
DD [V]
25°C
85°C
125°C
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
fcpu [MHz]
25°C
85°C
125°C
Figure 15. Typ. IDD(RUN)HSI vs. VDD
@fCPU = 16 MHz, peripherals = off
Figure 16. Typ. IDD(WFI)HSE vs. VDD
@fCPU = 16 MHz, peripherals = on
0
1
2
3
4
2.5
3.5
4.5
5.5
6.5
VDD [V]
25°C
85°C
125°C
0
1
2
3
4
5
6
2.5
3.5
4.5
5.5
6.5
VDD [V]
25°C
85°C
125°C
Figure 17. Typ. IDD(WFI)HSE vs. fCPU
@VDD = 5.0 V, peripherals = on
Figure 18. Typ. IDD(WFI)HSI vs. VDD
@fCPU = 16 MHz, peripherals = off
0
1
2
3
4
5
6
0
5
10
15
20
25
30
fcpu [MHz]
25°C
85°C
125°C
0
0.5
1
1.5
2
2.5
2.53
3.54
4.55
5.5
6
V
DD [V]
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com