Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6388TCX Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM8AF6388TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388TCX Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM8AF6388TCX Datasheet HTML 106Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 107Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 108Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 109Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 110Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 111Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 112Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 113Page - STMicroelectronics STM8AF6388TCX Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 116 page
background image
Package information
STM8AF6388
110/116
DocID031156 Rev 1
11.6.2
Selecting the product temperature range
When ordering the microcontroller, the temperature range is specified in the order code (see
Figure 60: STM8AF6388 ordering information scheme1 on page 111).
The following example shows how to calculate the temperature range needed for a given
application.
Assuming the following application conditions:
–
Maximum ambient temperature TAmax = 82 °C (measured according to JESD51-2)
–IDDmax = 8 mA
–VDD = 5 V
–
maximum 20 I/Os used at the same time in output at low-level with IOL = 8 mA
–VOL = 0.4 V
PINTmax = 8 mA x 5 V = 400 mW
PIOmax = 20 x 8 mA x 0.4 V = 64 mW
This gives:
PINTmax = 400 mW and PIOmax 64 mW
PDmax = 400 mW + 64 mW
Thus:
PDmax = 464 mW.
Using the values obtained in Table 52: Thermal characteristics TJmax is calculated as
follows:
For LQFP64 46 °C/W
Tjmax = 82 °C + (46 °C/W x 464 mW) = 82 °C + 21 °C = 103 ° C
This is within the range of the suffix C version parts (-40 °C < Tj < 125 ° C).
Parts must be ordered at least with the temperature range suffix C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com