Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3912 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25R3912
Description  High performance HF reader / NFC initiator for payment applications with 1 W output power
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3912 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25R3912 Datasheet HTML 16Page - STMicroelectronics ST25R3912 Datasheet HTML 17Page - STMicroelectronics ST25R3912 Datasheet HTML 18Page - STMicroelectronics ST25R3912 Datasheet HTML 19Page - STMicroelectronics ST25R3912 Datasheet HTML 20Page - STMicroelectronics ST25R3912 Datasheet HTML 21Page - STMicroelectronics ST25R3912 Datasheet HTML 22Page - STMicroelectronics ST25R3912 Datasheet HTML 23Page - STMicroelectronics ST25R3912 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 130 page
background image
Functional overview
ST25R3912
20/130
DS11794 Rev 9
Squelch
This feature is designed for operation of the receiver in noisy conditions. The noise can
come from tags (caused by the processing of reader commands), or it can come from a
noisy environment. This noise may be misinterpreted as start of transponder response,
resulting in decoding errors.
During execution of the Squelch procedure the output of the digitizing comparator is
observed. In case there are more than two transitions on this output in a 50 μs time period,
the receiver gain is reduced by 3 dB, and the output is observed during the next 50 μs. This
procedure is repeated until the number of transitions in 50 μs is lower or equal to two, or
until the maximum gain reduction is reached. This gain reduction can be cleared sending
the direct command Reset Rx gain.
There are two possibilities of performing squelch: automatic mode and using the direct
command Squelch.
1.
Automatic mode is enabled in case bit sqm_dyn in the Receiver configuration register 2
is set. It is activated automatically 18.88 μs after end of Tx and is terminated when the
Mask receive timer expires. This mode is primarily intended to suppress noise
generated by tag processing during the time when a tag response is not expected
(covered by Mask receive timer).
2.
Command Squelch is accepted in case it is sent when signal rx_on is low. It can be
used when the time window in which noise is present is known by the controller.
AGC (automatic gain control)
AGC is used to reduce gain to keep the receiver chain out of saturation. With gain properly
adjusted the demodulation process is also less influenced by system noise.
AGC action starts when signal rx_on is asserted high and is reset when it is reset to low. At
the high to low transitions of the rx_on signal the state of the receiver gain is stored in the
Gain reduction state register. Reading this register at a later stage gives information on the
gain setting used during last reception.
When AGC is switched on the receiver gain is reduced so that the input to the digitizer stage
is not saturated. The AGC system comprises a comparator with a window 3.5 times larger
than that of the digitizing window comparator. When the AGC function is enabled the gain is
reduced until there are no transitions on the output of its window comparator. This
procedure ensures that the input to the digitizing window comparator is less than 3.5 times
larger than its threshold.
AGC operation is controlled by the control bits agc_en, agc_m and agc_fast in the Receiver
configuration register 2. Bit agc_en enables the AGC operation, bit agc_m defines the AGC
mode, and bit agc_alg defines the AGC algorithm.
Two AGC modes are available. The AGC can operate during the complete Rx process (as
long as signal rx_on is high), or it can be enabled only during the first eight sub-carrier
pulses.
Two AGC algorithms are available. The AGC can either start by presetting code 4h (max
digitizer window, max gain) or by resetting the code to 0h (min digitizer window, max gain).
The algorithm with preset code is faster, therefore it is recommended for protocols with short
SOF (like ISO14443A fc / 128).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com