Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TB04K Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST25TB04K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB04K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST25TB04K Datasheet HTML 9Page - STMicroelectronics ST25TB04K Datasheet HTML 10Page - STMicroelectronics ST25TB04K Datasheet HTML 11Page - STMicroelectronics ST25TB04K Datasheet HTML 12Page - STMicroelectronics ST25TB04K Datasheet HTML 13Page - STMicroelectronics ST25TB04K Datasheet HTML 14Page - STMicroelectronics ST25TB04K Datasheet HTML 15Page - STMicroelectronics ST25TB04K Datasheet HTML 16Page - STMicroelectronics ST25TB04K Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
4.2
32-bit binary counters
The two 32-bit binary counters are located at block addresses 5 and 6. The ST25TB04K uses dedicated logic
that only allows the update of a counter if the new value is lower than the previous one. This feature allows the
application to count down by steps of 1 or more. The initial value in Counter 5 is FFFF FFFEh and is FFFF FFFFh
in Counter 6. When the reached value is 0000 0000h, the counter is empty and cannot be reloaded. For each
counter 5 and 6, the update is done by issuing the Write_block command. The Write_block command writes the
new 32-bit value to the counter block address. Table 6 shows examples of how the counters operate.
The counter programming cycles are protected by automated antitearing logic. This function allows the counter
value to be protected in case of power down within the programming cycle. In case of power down, the counter
value is not updated and the previous value continues to be stored.
Table 6. Binary counter (addresses 5 to 6)
Block Address
MSB
32-bit block
LSB
Description
b31
b24 b23
b16 b15
b8 b7
b0
5
32-bit Boolean area
Count down
counter
6
32-bit Boolean area
Figure 14. Countdown example (binary format)
1
...
1
1
1
1
1
1
1
1
1
1
1
1
1
1
...
1
1
1
1
1
1
1
1
1
1
1
1
0
1
...
1
1
1
1
1
1
1
1
1
1
1
0
1
Initial data
1-unit decrement
1-unit decrement
b31
b0
1
...
1
1
1
1
1
1
1
1
1
1
1
0
0
1
...
1
1
1
1
1
1
1
1
1
0
1
0
0
1
...
1
1
1
1
1
1
1
1
1
1
0
0
0
1-unit decrement
8-unit decrement
Increment not allowed
The counter with block address 6 controls the reload mode used to reset the resettable OTP area (addresses
0 to 4). Bits b31 to b21 act as an 11-bit Reload counter; whenever one of these 11 bits is updated, the
ST25TB04K detects the change and adds an Erase cycle to the Write_block command for locations 0 to 4
(see the Section 4.1.1 Block 0 - 4: resettable OTP area paragraph).
The Erase cycle remains active until a Power-off or a Select command is issued.
The ST25TB04K’s resettable OTP area can be reloaded up to 2 047 times (211-1).
ST25TB04K
32-bit binary counters
DS11364 - Rev 7
page 13/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com