Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LRS3165BGLFT Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 9LRS3165BGLFT
Description  64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LRS3165BGLFT Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 9LRS3165BGLFT Datasheet HTML 20Page - Renesas Technology Corp 9LRS3165BGLFT Datasheet HTML 21Page - Renesas Technology Corp 9LRS3165BGLFT Datasheet HTML 22Page - Renesas Technology Corp 9LRS3165BGLFT Datasheet HTML 23Page - Renesas Technology Corp 9LRS3165BGLFT Datasheet HTML 24Page - Renesas Technology Corp 9LRS3165BGLFT Datasheet HTML 25Page - Renesas Technology Corp 9LRS3165BGLFT Datasheet HTML 26Page - Renesas Technology Corp 9LRS3165BGLFT Datasheet HTML 27Page - Renesas Technology Corp 9LRS3165BGLFT Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
IDT®
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1533B—01/06/15
9LRS3165B
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator + Integrated Series Resistor
24
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
a
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
MINMAX
MINMAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.17
0.27
.007
.011
c
0.09
0.20
.0035
.008
D
E
E1
6.00
6.20
.236
.244
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MINMAX
MINMAX
64
16.90
17.10
.665
.673
10-0039
COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
8.10 BASIC
0.319 BASIC
6.10 mm. Body, 0.50 mm. Pitch TSSOP
(240 mil)
(20 mil)
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
N
D mm.
D (inch)
Reference Doc.: JEDEC Publication 95, MO-153
0.50 BASIC
0.020 BASIC
SEE VARIATIONS
SEE VARIATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com