Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9UMS9001 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS9UMS9001
Description  PC MAIN CLOCK - CK540
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9UMS9001 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS9UMS9001 Datasheet HTML 7Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 8Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 9Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 10Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 11Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 12Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 13Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 14Page - Renesas Technology Corp ICS9UMS9001 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IDT® PC MAIN CLOCK - CK540
1247C—06/16/11
Advance Information
9UMS9001
PC MAIN CLOCK - CK540
11
Byte 0 FS Readback, SS Enable, STOP Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
-
FSLC
CPU Freq. Sel. Bit MSB
RW
Latch
6
FSLB
CPU Freq. Sel. Bit LSB
RW
Latch
5
CPU_SS_EN
Spread spectrum enable for CPU/SRC/PCI outputs
RW
SS Disabled
SS Enabled
1
4
LCD_Enable
Turns On LCD PLL
RW
Off
On
1
3
SRC3_STOP
SRC 3 Stop Control
RW
0
2
SRC2_STOP
SRC 2 Stop Control
RW
0
1
SRC1_STOP
SRC 1 Stop Control
RW
0
0
SRC0_STOP
SRC 0 Stop Control
RW
0
Byte 1 LCD Quick Config and CPU Stop ControlRegister
Bit
Pin
Name
Description
Type
0
1
Default
7
CPU_ITP_STOP
CPU_ITP Stop Control
RW
0
6
CPU1_STOP
CPU1 Stop Control
RW
1
5
CPU0_STOP
CPU0 Stop Control
RW
1
4
LCD_SS_EN
Turns on SS for LCD PLL
RW
Off
On
1
3
LCD_SSC_SEL
Select down or center SSC
RW
Down spread
Center spread
0
2
LCD_CF2
PLL3 Quick Config Bit 2
RW
0
1
LCD_CF1
PLL3 Quick Config Bit 1
RW
0
0
LCD_CF0
PLL3 Quick Config Bit 0
RW
1
Byte 2 Output Enable and Stop Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
PCI_F2_STOP
Free running PCI Stop Control
RW
0
6
PCI1_STOP
PCI1 Stop Control
RW
1
5
PCI0_STOP
PCI 0 Stop Control
RW
1
4
REF_OE
Output enable for REF
RW
Output Disabled
Output Enabled
1
3
USB_OE
Output enable for USB
RW
Output Disabled
Output Enabled
1
2
PCIF2_OE
Output enable for PCI2
RW
Output Disabled
Output Enabled
1
1
PCI1_OE
Output enable for PCI1
RW
Output Disabled
Output Enabled
1
0
PCI0_OE
Output enable for PCI0
RW
Output Disabled
Output Enabled
1
Byte 3 Output Enable Register
Bit
Pin
Name
Description
Type
0
1
Default
7
CPU_ITP_OE
Output enable for CPU_ITP
RW
Output Disabled
Output Enabled
1
6
CPU1_OE
Output enable for CPU1
RW
Output Disabled
Output Enabled
1
5
CPU0_OE
Output enable for CPU0
RW
Output Disabled
Output Enabled
1
4
Reserved
Reserved
RW
0
3
SRC3_OE
Output enable for SRC4
RW
Output Disabled
Output Enabled
1
2
SRC2_OE
Output enable for SRC4
RW
Output Disabled
Output Enabled
1
1
SRC1_OE
Output enable for SRC4
RW
Output Disabled
Output Enabled
1
0
SRC0_OE
Output enable for SRC4
RW
Output Disabled
Output Enabled
1
Byte 4 Output Enable and CLKREQ# Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
DOT96_OE
Output enable for DOT96
RW
Output Disabled
Output Enabled
1
6
LCD100_OE
Output enable for LCD100
RW
Output Disabled
Output Enabled
1
5
Reserved
Reserved
RW
0
4
Reserved
Reserved
RW
0
3
SRC3_CR
SRC3 CLKREQ3# Enable
RW
0
2
SRC2_CR
SRC2 CLKREQ2# Enable
RW
0
1
SRC1_CR
SRC1 CLKREQ1# Enable
RW
0
0
SRC0_CR
SRC0 CLKREQ0# Enable
RW
0
See Frequency Select Table
Not controlled by
CLKREQ#
Controlled by
CLKREQ#
Free Running
Stops with
PCI_STOP#
assertion
See Table 2: LCD Quick Configuration
Free Running
Stops with
CPU_STOP#
assertion
Stops with
PCI_STOP#
Assertion
Free Running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com