Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2111CT/1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2111CT/1
Description  LCD drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2111CT/1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2111CT/1 Datasheet HTML 9Page - NXP Semiconductors PCF2111CT/1 Datasheet HTML 10Page - NXP Semiconductors PCF2111CT/1 Datasheet HTML 11Page - NXP Semiconductors PCF2111CT/1 Datasheet HTML 12Page - NXP Semiconductors PCF2111CT/1 Datasheet HTML 13Page - NXP Semiconductors PCF2111CT/1 Datasheet HTML 14Page - NXP Semiconductors PCF2111CT/1 Datasheet HTML 15Page - NXP Semiconductors PCF2111CT/1 Datasheet HTML 16Page - NXP Semiconductors PCF2111CT/1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PCF21XXC_FAM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 6 May 2015
13 of 25
NXP Semiconductors
PCF21xxC family
LCD drivers
Fig 13. Supply current as a function of supply voltage
Fig 14. Display frequency as a function of supply
voltage; CO = 680 pF (except PCF2112C)
Fig 15. Display frequency as a function of supply
voltage; CO = 1.5 nF (only PCF2112C)
Fig 16. Display frequency as a function of RO and CO;
Tamb =25 C; VDD =5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com