Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2ICS5401EW/V7 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SL2ICS5401EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5401EW/V7 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SL2ICS5401EW/V7 Datasheet HTML 19Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 20Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 21Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 22Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 23Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 24Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 25Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 26Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
23 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
8.1.3.15 Lock EAS
Command Code = A4h
This command locks the current state of the EAS mode and the EAS ID. If the EAS mode
is password protected the EAS password has to be transmitted before with the Set
Password command.
Table 52.
Request format
SOF
Flags
Lock EAS
IC Mfg code
UID
CRC16
EOF
8 bits
8 bits
8 bits
64 bits
optional
16 bits
8 bits
Table 53.
Response format when Error_flag is set
SOF
Flags
Error code
CRC16
EOF
8 bits
8 bits
16 bits
Table 54.
Response format when Error_flag is NOT set
SOF
Flags
CRC16
EOF
8 bits
16 bits
8.1.3.16 EAS alarm
Command Code = A5h
The EAS Alarm command can be used in the following three configurations:
• Option flag is set to 0:
EAS ID Mask length and EAS ID value shall not be transmitted
If the EAS mode is set the EAS response is returned from the
I•CODE SLI-S/I•CODE SLI-S HC IC. This configuration is compliant to the EAS
command of the ICODE SLI IC.
• Option flag is set to 1:
Within the command the EAS ID Mask Length has to be transmitted to identify how
many bits of the following EAS ID value are valid (multiple of 8-bits). Only those
I•CODE SLI-S/I•CODE SLI-S HC ICs will respond with the EAS response which have
stored the corresponding data in the EAS ID configuration (selective EAS) and if the
EAS Mode is set.
If the EAS ID Mask length is set to 0, the I•CODE SLI-S/I•CODE SLI-S HC IC will
answer with its EAS ID.
Table 55.
Request format
SOF
Flags EAS
Alarm
IC Mfg
code
UID
EAS ID Mask
Length
EAS ID Value
CRC16 EOF
8 bits
8 bits
8 bits
64 bits
optional
8 bits optional 0, 8 or 16 bits
optional
16 bits
8 bits
If an error is detected the I•CODE SLI-S/I•CODE SLI-S HC IC remains silent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com