Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV47 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCV47
Description  NPN Darlington transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV47 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCV47 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV47 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BCV47
NPN Darlington transistor
1 October 2022
Product data sheet
1. General description
NPN Darlington transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic
package.
PNP complement: BCV26
2. Features and benefits
• Medium current of 500 mA
• Low voltage of 60 V
• High DC current gain of minimum 2000
3. Applications
• Preamplifier input amplification
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCBO
collector-base voltage open emitter
-
-
80
V
VCES
collector-emitter
voltage
base short-circuited to emitter
-
-
60
V
IC
collector current
-
-
500
mA
ICM
peak collector current
-
-
800
mA
hFE
DC current gain
VCE = 5 V; IC = 100 mA; Tamb = 25 °C
[1]
10000 -
-
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
1
2
3
SOT23
aaa-029089
B
C
E
TR2
TR1


Similar Part No. - BCV47

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV47 PHILIPS-BCV47 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV47 SIEMENS-BCV47 Datasheet
140Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
logo
Infineon Technologies A...
BCV47 INFINEON-BCV47 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
More results

Similar Description - BCV47

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
NPN Darlington Transistor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3_1 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N997 NJSEMI-2N997 Datasheet
91Kb / 1P
NPN DARLINGTON TRANSISTOR
2N6578 NJSEMI-2N6578 Datasheet
94Kb / 1P
NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com