Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV62B Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BCV62B
Description  NPN general-purpose double transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV62B Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BCV62B Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV62B Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV62B Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV62B Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV62B Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV62B Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV62B Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV62B Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV62B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BCV61
©
Nexperia B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2009
2 of 13
Nexperia
BCV61
NPN general-purpose double transistors
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB).
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BCV61
-
plastic surface-mounted package; 4 leads
SOT143B
BCV61A
BCV61B
BCV61C
Table 4.
Marking codes
Type number
Marking code[1]
BCV61
1M*
BCV61A
1J*
BCV61B
1K*
BCV61C
1L*
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
30
V
VCEO
collector-emitter voltage
open base
-
30
V
VEBS
emitter-base voltage
VCE =0V
-
6
V
IC
collector current
-
100
mA
ICM
peak collector current
-
200
mA
IBM
peak base current
-
200
mA
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com