Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV62C Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BCV62C
Description  PNP general-purpose double transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV62C Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BCV62C Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV62C Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV62C Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV62C Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV62C Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV62C Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV62C Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV62C Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV62C Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
BCV62
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 4 — 26 July 2010
2 of 14
Nexperia
BCV62
PNP general-purpose double transistors
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Transistor TR2
hFE
DC current gain
VCE = −5V; IC = −2mA
BCV62
100
-
800
BCV62A
100
-
250
BCV62B
220
-
475
BCV62C
420
-
800
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
collector TR2;
base TR1 and TR2
2
collector TR1
3emitter TR1
4emitter TR2
2
1
3
4
006aaa843
12
4
TR2
TR1
3
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BCV62
-
plastic surface-mounted package; 4 leads
SOT143B
BCV62A
BCV62B
BCV62C
Table 5.
Marking codes
Type number
Marking code[1]
BCV62
3M*
BCV62A
3J*
BCV62B
3K*
BCV62C
3L*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com