Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV64B Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BCV64B
Description  PNP general-purpose double transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV64B Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BCV64B Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
BCV64B
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 4 — 2 August 2010
4 of 12
Nexperia
BCV64B
PNP general-purpose double transistor
7.
Characteristics
[1]
Due to matched dies, hFE values for TR2 are the same as for TR1.
[2]
VBEsat decreases by about 1.7 mV/K with increasing temperature.
[3]
VBE decreases by about 2 mV/K with increasing temperature.
Table 8.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base
cut-off current
VCB = −30 V; IE =0A
-
-
−15
nA
VCB = −30 V; IE =0A;
Tj =150 °C
--
−5
μA
VCEsat
collector-emitter
saturation voltage
IC = −10 mA;
IB = −0.5 mA
-
−75
−300
mV
VBEsat
base-emitter
saturation voltage
IC = −10 mA;
IB = −0.5 mA
[2] -
−700
-
mV
Transistor TR1
hFE
DC current gain
VCE = −5V;
IC = −2mA
220
-
475
VCEsat
collector-emitter
saturation voltage
IC = −100 mA;
IB = −5mA
-
−250
−650
mV
VBEsat
base-emitter
saturation voltage
IC = −100 mA;
IB = −5mA
[2] -
−850
-
mV
VBE
base-emitter voltage
IC = −2mA;
VCE = −5V
[3]
−600
−650
−750
mV
IC = −10 mA;
VCE = −5V
[3] --
−820
mV
fT
transition frequency
VCE = −5V;
IC = −10 mA;
f=100MHz
100
-
-
MHz
Cc
collector capacitance
VCB = −10 V;
IE =ie =0A;
f=1MHz
-4
-pF
Transistor TR2
hFE
DC current gain
VCE = −700 mV;
IC = −2mA
[1] 220
-
475
VCEsat
collector-emitter
saturation voltage
IC = −100 mA;
IB = −5mA
-
−250
-
mV
VBE
base-emitter voltage
IC = −2mA;
VCE = −700 mV
[3] -
−700
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com