Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV72 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCV72
Description  NPN general purpose transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV72 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCV72 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BCV72
NPN general purpose transistors
25 May 2022
Product data sheet
1. General description
NPN transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• Low current (max. 100 mA)
• Low voltage (max. 60 V)
• AEC-Q101 qualified
3. Applications
• General purpose switching and amplification.
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
60
V
IC
collector current
-
-
100
mA
VCE = 5 V; IC = 10 µA; Tamb = 25 °C
-
150
-
hFE
DC current gain
VCE = 5 V; IC = 2 mA; Tamb = 25 °C
200
-
450
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
1
2
3
SOT23
sym021
C
E
B


Similar Part No. - BCV72

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV72 PHILIPS-BCV72 Datasheet
42Kb / 8P
NPN general purpose transistors
1999 Apr 08
logo
KEC(Korea Electronics)
BCV72 KEC-BCV72 Datasheet
154Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW LEVEL AUDIO-AMPLIFIER AND SWITCHING)
logo
Diotec Semiconductor
BCV72 DIOTEC-BCV72 Datasheet
177Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BCV72 KEXIN-BCV72 Datasheet
39Kb / 2P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72 NXP-BCV72 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
More results

Similar Description - BCV72

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com