Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW33 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BCW33
Description  NPN general purpose transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCW33 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BCW33 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCW33 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCW33 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCW33 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCW33 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCW33 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCW33 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Feb 06
2
NXP Semiconductors
Product data sheet
NPN general purpose transistors
BCW31; BCW32;
BCW33
FEATURES
• Low current (100 mA)
• Low voltage (32 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN transistors in a plastic SOT23 package.
PNP complements: BCW29 and BCW30.
MARKING
Note
1.
* = p : Made in Hong Kong.
* = t : Made in Malaysia.
* = W : Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BCW31
D1*
BCW32
D2*
BCW33
D3*
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
2
1
3
MAM255
Top view
2
3
1
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BCW31
−
plastic surface mounted package; 3 leads
SOT23
BCW32
BCW33
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
32
V
VCEO
collector-emitter voltage
open base; IC = 2 mA
−
32
V
VEBO
emitter-base voltage
open collector
−
5
V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com