Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW66F Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BCW66F
Description  45 V, 800 mA NPN general-purpose transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCW66F Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BCW66F Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCW66F Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCW66F Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCW66F Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCW66F Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCW66F Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCW66F Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCW66F Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCW66F Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Nexperia
BCW66 series
45 V, 800 mA NPN general-purpose transistor
BCW66x_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 21 April 2017
2 / 14
5 Pinning information
Table 2. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
1
2
3
sym123
C
E
B
6 Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BCW66F
BCW66G
BCW66H
TO-236AB
plastic surface-mounted package; 3 leads
SOT23
7 Marking
Table 4. Marking
Type number
Marking code
BCW66F
[1] EQ%
BCW66G
[1] ER%
BCW66H
[1] ES%
[1]
% = placeholder for manufacturing site code
8 Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
45
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
800
mA
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
1
A
IB
base current
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com