Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4U Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 17Page - Renesas Technology Corp ASI4U Datasheet HTML 18Page - Renesas Technology Corp ASI4U Datasheet HTML 19Page - Renesas Technology Corp ASI4U Datasheet HTML 20Page - Renesas Technology Corp ASI4U Datasheet HTML 21Page - Renesas Technology Corp ASI4U Datasheet HTML 22Page - Renesas Technology Corp ASI4U Datasheet HTML 23Page - Renesas Technology Corp ASI4U Datasheet HTML 24Page - Renesas Technology Corp ASI4U Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 26, 2016
3.4.
Master Mode
Master Mode and the related Repeater and Monitor Modes differ completely in their functional properties from the
Slave Mode. While the IC can autonomously perform different tasks in Slave Mode, it will only act as a physical
layer transceiver in the Master, Repeater, and Monitor Modes.
The basic property of these modes is a modulation/demodulation of AS-i signals to Manchester-II code and vice
versa. The following figure shows the different data path configurations.
Figure 3.4
Data Path in the Master, Repeater, and Monitor Modes
Master Mode
Slave Mode, AS-i Channel
Slave Mode, IRD Addressing Channel
Master Mode, Repeater Mode, and Monitor Mode differ from each other in the kind of signals that are available at
the data I/O and parameter port pins of the IC. The signal assignments in Table 3.3 are provided:
Table 3.3
Signal Assignments for Data I/O and Parameter Port Pins
PIN
MASTER MODE
REPEATER MODE
MONITOR MODE
P0
Receive Clock
Hi-Z
Receive Clock
P1
Power Fail
Hi-Z
Power Fail
P2
Receive Strobe – Slave Telegram
Hi-Z
Receive Strobe – Slave Telegram
P3
Hi-Z
Hi-Z
Receive Strobe – Master Telegram
DI0
Inverting of IRD input signal. If these two are on different levels, the IRD input signal is inverted before further
processing; otherwise it is directly forwarded to the UART.
DI1
DI2
Inverting of LED output signal. If these two inputs are on different levels, the LED output signal is inverted after
processing; otherwise it is directly forwarded to the LED1 output.
DI3
DO0
Hi-Z
Hi-Z
Pulse Code Error
DO1
Hi-Z
Hi-Z
No Information Error
DO2
Hi-Z
Hi-Z
Parity Bit Error
DO3
Hi-Z
Hi-Z
Manchester-II-Code Error at IRD Input
More detailed signal descriptions can be found in sections 4.6, 4.7, and 4.12.
ASI Receiver
ASI Transmitter
IRD CMOS
Input
LED Output
UART
ASI+
ASI-
IRD
(TX)
LED1
(RX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com