Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMB-830 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-830
Description  LGA 4094 AMD® EPYC™ 7003 ATX server motherboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-830 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-830 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-830 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
特性
ASMB-830
ƒ
LGA 4094 (Socket SP3) ATX server board with AMD
EPYC™ 7003 处理器
ƒ
DDR4 3200 MHz RDIMM最高达 256GB per DIMM
ƒ
5x PCIe 4.0 x16, 2x PCIe 4.0 x8
ƒ
Intel® X550 dual 10GbE 端口
ƒ
8个(通过SFF-8643 接口) + 1个SATA 3 和2个 M.2 接口
(SATA/PCIe 4.0 compatible)
ƒ
0 ~ 60 °C工作温度范围
LGA 4094 AMD® EPYC™ 7003 ATX
服务器主板
规划
ATX form factor
处理器
插槽
CPU
AMD LGA 4094 (Socket SP3)
AMD EPYC™ 7003 处理器 (CPU 散热器单独购买*)
内存
总槽数
容量
内存类型
内存容量
8x (1 DIMM per channel)
最大 256GB ECC-REG per DIMM
DDR4 ECC-REG 2666/2933/3200 MHz RDIMM/LRDIMM
8 GB, 16 GB, 32 GB, 64 GB, 128GB, 256GB (LRDIMM)
扩展槽
总 PCI/PCI-X/PCIe 数
插槽1
插槽 2
插槽 3
插槽 4
插槽 5
插槽 6
插槽7
7
PCIe x16 (Gen4 x16 link)
PCIe x8 (Gen4 x8 link)
PCIe x16 (Gen4 x16 link)
PCIe x8 (Gen4 x8 link)
PCIe x16 (Gen4 x16 link)
PCIe x16 (Gen4 x16 link)
PCIe x16 (Gen4 x16 link)
显示
VGA
ASPEED AST2500
存储
SATA
SAS
AMD EPYC™ CPU 集成
-
网络
GbE/10GbE LAN
2 x Intel® I210AT / Intel® X550-AT2 (dual 10GbE ports)
板载I/O接口
PSU
USB
Fan header
24-pin SSI 电源连接器+ 3 x 8-pin SSI 12 V 电源连接器
4 x USB 3.0 ports (2个板载头) + 1 x Type-A USB 3.0
6 x 4-pin (5 for system + 1 for CPU)
1 x M.2 2280/22110 (PCIe / SATA) + 1 x M.2 2280/22110 (仅PCIe ) 1
M.2
SMBus
Chassis intruder Front
LAN LED
PS/2 KB/Mouse header
Serial port header
1
1
1
1
后面板I/O 接口
外置串行端口
外置USB 端口
VGA
RJ-45
1
2x (USB 3.0)
1
5x (1个专用于IPMI的端口)
管理解决方案
-
软件
带外远程管理
Yes
监控
CPU 温度
Yes
系统监控
Yes
看门狗计时器
输出
间隔
系统重置
可编程 1 ~ 255 sec/min
电源
3.3V
5V
12V
5Vsb
12V_8P_0
12V_8P_1
运行
(225W CPU@2.0GHz
DDR4-2666 32G*8)
1.782A
1.704A
1.379A
0.142A
16.978A
8.227A
工作环境
温度
湿度
运行中
0 ~ 60 °C, 取决于CPU速度和散热解决方案
10% ~ 95%
非运行
-40 ~ 85 °C
10% ~ 95% (非冷凝)
物理特性
尺寸 (L x H)
304 x 244 mm
*CPU电源设计支持高达230W TDP。在使用CPU > 180W TDP时,请考虑扩展的散热解决方案
服务器主板
更新时间:2022年3月29日


Similar Part No. - ASMB-830

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-805 ADVANTECH-ASMB-805 Datasheet
572Kb / 2P
LGA 2066 Intel® Xeon® W Workstation Motherboard with 8 DDR4, 3 PCIe x16, 6 SATA3, 8 USB3.0, IPMI
29-Nov-2019
ASMB-805-00A1 ADVANTECH-ASMB-805-00A1 Datasheet
572Kb / 2P
LGA 2066 Intel® Xeon® W Workstation Motherboard with 8 DDR4, 3 PCIe x16, 6 SATA3, 8 USB3.0, IPMI
29-Nov-2019
ASMB-805I-00A1 ADVANTECH-ASMB-805I-00A1 Datasheet
572Kb / 2P
LGA 2066 Intel® Xeon® W Workstation Motherboard with 8 DDR4, 3 PCIe x16, 6 SATA3, 8 USB3.0, IPMI
29-Nov-2019
ASMB-813 ADVANTECH-ASMB-813 Datasheet
808Kb / 2P
LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot, 6 USB 3.0, IPMI
ASMB-813-00A1E ADVANTECH-ASMB-813-00A1E Datasheet
852Kb / 2P
LGA 2011-R3 Intel Xeon짰 E5-2600 v3 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot (Gen 3.0), 6 USB 3.0, IPMI
More results

Similar Description - ASMB-830

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBA-H61A AAEON-IMBA-H61A Datasheet
460Kb / 2P
ATX Industrial Motherboard
IMBA-H61A AAEON-IMBA-H61A_15 Datasheet
460Kb / 2P
ATX Industrial Motherboard
logo
Advantech Co., Ltd.
ASMB-813I ADVANTECH-ASMB-813I Datasheet
4Mb / 100P
LGA 2011-R3 Intel Xeon짰 E5-2600v3 ATX Server Board
HPC-7000 ADVANTECH-HPC-7000 Datasheet
903Kb / 2P
Server Tower Chassis for EATX/ATX/ MicroATX Motherboard
13-Sep-2017
SOM-E780 ADVANTECH-SOM-E780 Datasheet
4Mb / 6P
AMD EPYC™ 7003 Processor COM-HPC® Server Size E module with proprietary pinout
15-Jun-2022
SKY-7260S ADVANTECH-SKY-7260S Datasheet
781Kb / 2P
2U High Performance Rackmount Server with AMD EPYC™ 7003 Processor
10-Aug-2022
SKY-8260S ADVANTECH-SKY-8260S Datasheet
862Kb / 2P
Compact 2U Carrier Grade, High Performance Server based on AMD EPYC™ 7003/7002 Series Processors
29-Jul-2022
SKY-8260SV2 ADVANTECH-SKY-8260SV2 Datasheet
996Kb / 2P
Compact 2U Carrier Grade, High Performance Server based on AMD EPYC™ 7003/7002 Series Processors
22-Sep-2022
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
HPM-SRSUA BCM-HPM-SRSUA Datasheet
1Mb / 2P
Server Class ATX Motherboard LGA 4677 Socket supports 4th Gen. Intel® Xeon® Scalable Processor
05/25/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com