Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5326 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5326
Description  T-1 Right Angle 6 Wide LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5326 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5326 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5326 Series T-1 Right Angle 6 Wide LED Assembly
E LE C T R O - O P T I CAL C H ARAC T E R ISTICS A N D R A T ING
650
3.0
2.0
5
10
Red
(V )
Max.
(V )
Typ.
(mcd)
Typ.
Intens ity
Revers e
Breakdown
V oltage Min.
(V )
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5326F 1
Rated
Current
(mA)
10
30
Continuous
Forward
Current Max.
(mA)
.030
.130 T Y P .
.040 T Y P .
TY P
ANODE (+)
.090
.350
T-1 LE D
.090
.120
.200
.150
.220
.120
.150
.125 T Y P
.350
.100 T Y P
1.930
2.00
All dimensions in inches.
Features
• Perfect height and center spacing
with 6 T-1 LEDs.
• Labor-saving single-blockinstallation.
• Standoffs prevent flux entrapment.
• Press-in pins hold part through
soldering.
• Compact, only 5.6mm high.
Housing: Blackthermoplastic polyester,
UL94V-O
Note: Alternate LEDs are also available in
this package as a standard variation.
Mounting hole pattern on page 1-X4.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5326

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5326 VCC-5326 Datasheet
92Kb / 1P
T-1 Right Angle 6 Wide LED Assembly
logo
Molex Electronics Ltd.
5326-10471 MOLEX7-5326-10471 Datasheet
436Kb / 7P
1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 4Circuits
logo
Sumida Corporation
5326-T039 SUMIDA-5326-T039 Datasheet
82Kb / 2P
Filter Coils < Pin Type: FB Series>
logo
SICK AG
5326001 SICK-5326001 Datasheet
190Kb / 4P
FIBER-OPTIC SENSORS AND FIBERS
5326004 SICK-5326004 Datasheet
189Kb / 4P
FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 5326

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5360F1 CML-5360F1 Datasheet
26Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5324 CML-5324 Datasheet
67Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5365 CML-5365 Datasheet
67Kb / 1P
T-1 Right Angle 2 Wide LED Assembly
5644 CML-5644 Datasheet
74Kb / 1P
T-1 3/4 Right Angle 4 Wide LED Assembly
logo
Visual Communications C...
5324 VCC-5324 Datasheet
90Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5326 VCC-5326 Datasheet
92Kb / 1P
T-1 Right Angle 6 Wide LED Assembly
5360 VCC-5360 Datasheet
99Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5365 VCC-5365 Datasheet
81Kb / 1P
T-1 Right Angle 2 Wide LED Assembly
5640 VCC-5640 Datasheet
131Kb / 1P
T-1 3/4 Right Angle 4 Wide LED Assembly
5644 VCC-5644 Datasheet
100Kb / 1P
T-1 3/4 Right Angle 4 Wide LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com