Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5644 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5644
Description  T-1 3/4 Right Angle 4 Wide LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5644 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5644 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5644 Series T-1 3/4 Right Angle 4 Wide LED Assembly
E L E C T R O - O P T I CAL C HARAC T E R ISTICS A N D R A T INGS
Features
• Quad assembly with 4 LEDs permits easy installation, assures matched height and center to center spacing,
reduces assembly time and costs.
• Super Brite LEDs
• Unique light shield feature eliminates light bleed from adjacent LEDs.
• Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Alternate LEDs are also available in
this package as a standard variation.
Mounting hole pattern on page 1-X6.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Reverse
Break-down
Voltage Min.
(V)
Peak
Wavelength
(nm)
5644H1
5644H5
5644H7
Red
Green
Yellow
68
100
160
20
20
20
60
60
60
2.1
2.2
2.2
3.0
3.0
3.0
5
5
5
650
563
585
All dimens ions in inc he s .
PO S T C L E A N IN G
S T A N D - OF F F OR
.020
AN O D E T Y P
1. 560
.800
.380
1. 00
.600
.200
.200
( 4 R E Q . )
LE D
.090 T Y P
.100 MIN
SQ T Y P
.020
.080T Y P
.200T Y P
.350
.930
.750
.530
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5644

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5644 VCC-5644 Datasheet
100Kb / 1P
T-1 3/4 Right Angle 4 Wide LED Assembly
logo
Walther-Werke
564404 WALTHER-564404 Datasheet
437Kb / 4P
Channel installation sockets IP 44
564406 WALTHER-564406 Datasheet
437Kb / 4P
Channel installation sockets IP 44
564409 WALTHER-564409 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Visual Communications C...
5644H1 VCC-5644H1 Datasheet
100Kb / 1P
T-1 3/4 Right Angle 4 Wide LED Assembly
More results

Similar Description - 5644

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
5360F1 CML-5360F1 Datasheet
26Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5324 CML-5324 Datasheet
67Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
logo
IDEA.lnc.
G63XB IDEA-G63XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G64XB IDEA-G64XB Datasheet
27Kb / 1P
T-1-3/4, Right-Angle LED Assembly
logo
Visual Communications C...
5324 VCC-5324 Datasheet
90Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5360 VCC-5360 Datasheet
99Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
5640 VCC-5640 Datasheet
131Kb / 1P
T-1 3/4 Right Angle 4 Wide LED Assembly
5644 VCC-5644 Datasheet
100Kb / 1P
T-1 3/4 Right Angle 4 Wide LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com