Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5693S Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5693S
Description  T-1 3 High Right Angle Shrouded LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5693S Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5693S Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5693S Series T-1 3 High Right Angle Shrouded LED Assembly
E L E C T R O - O P T I CAL C HARAC T E R ISTICS A N D R A T INGS
585
562
603
650
3.0
3.0
3.0
3.0
2.2
2.3
2.2
2.2
5.0
5.0
5.0
5.0
30
30
30
30
6.3
16.0
7.0
10.0
Yellow
Green
Amber
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Typ.
Intens ity
(mcd)
Revers e
Breakdown
Voltage Min.(V)
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5693S 1
5693S 3
5693S 5
5693S 7
10
10
10
10
Rated
Current
(mA)
7
Yellow
5
Green
1
Red
LE D
3
Amber
Model No. is as follows : 5693S
;
;
E xample: P os ition 1 is red, pos ition 2 is yellow, pos ition 3 is green. T he part number is 5693S 1;7;5.
Ordering Information: Us e chart below to determine model number.
All dimensions in mm.
Pos . 1
P os . 2
Features :
• 3T -1 LE Ds mounted in s ingle block s aves s pace and as s embly time.
• H igh B rite and S uper B rite light output.
• S tandoffs prevent flux entrapment.
• B lack plas tic mounting block for high contras t ratio.
• Meets UL 94V -O and B ellcore flammability s pecifications .
Available options :
• L ow current, 5V and 12V built-in res is tors .
• B i-color and blue LE Ds als o offered.
• C all factory for ordering information.
• Mounting hole pattern on page 1-X 3.
Pos . 3
4.80
2.50
0.50 S Q.
2.50
5.10
10.20
ANODE (+)
GR E E N
11.20
6.60 MAX .
5.10
2.00 T Y P .
15.20
3.68
±0.38
(3X )
SER IES LE D
4301F , 4303F
POS T ION 1
POS T ION 2
POS T ION 3
RE D ANODE (+)
LE F T LE AD
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5693S

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5693S VCC-5693S Datasheet
111Kb / 1P
T-1 3 High Right Angle Shrouded LED Assembly
5693S1 VCC-5693S1 Datasheet
111Kb / 1P
T-1 3 High Right Angle Shrouded LED Assembly
5693S3 VCC-5693S3 Datasheet
111Kb / 1P
T-1 3 High Right Angle Shrouded LED Assembly
5693S5 VCC-5693S5 Datasheet
111Kb / 1P
T-1 3 High Right Angle Shrouded LED Assembly
5693S7 VCC-5693S7 Datasheet
111Kb / 1P
T-1 3 High Right Angle Shrouded LED Assembly
More results

Similar Description - 5693S

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G63XB IDEA-G63XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G64XB IDEA-G64XB Datasheet
27Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G65XB IDEA-G65XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G626XB IDEA-G626XB Datasheet
26Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G646XB IDEA-G646XB Datasheet
31Kb / 1P
T-1-3/4, Right-Angle LED Assembly
logo
Visual Communications C...
5380 VCC-5380 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5693S VCC-5693S Datasheet
111Kb / 1P
T-1 3 High Right Angle Shrouded LED Assembly
5694S VCC-5694S Datasheet
127Kb / 1P
T-1 4 High Right Angle Shrouded LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com