Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

216113003 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 216113003
Description  WE-D-SUB Filter Solder Cup
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

216113003 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  216113003 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 216113003 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 216113003 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 216113003 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 216113003 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Properties:
Properties
Value
Unit
Tol.
Capacitance
C
1000
pF
±15%
Rated Voltage
VR
100
V (DC)
max.
Withstanding Voltage
250
V (DC)
max.
Rated Current
IR
7.5
A
max.
Contact Resistance
R
10
mΩ
max.
Insulation Resistance
RISO
1
GΩ
min.
Material Properties:
Gender
Male
Number of Poles
37
Insulator Flammability Rating
UL94 V-0
Insulator Material
Thermoplastic
Insulator Color
Black
Shell Material
steel tin plated
Quality Class
2
Thread
through-hole
Mating Cycle
200
General Information:
Operating Temperature
-55 up to +125 °C
Storage Conditions (in original
packaging)
< 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL)
1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
LuRa
001.001
2020-09-22
DIN ISO 2768-1m
DESCRIPTION
WE-D-SUB Filter Solder Cup
ORDER CODE
216113003
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
plug connector
eiSos
Valid
2/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com