Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6231RT-E/OT Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6231RT-E/OT
Description  20 UA, 300 kHz Rail-to-Rail Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231RT-E/OT Datasheet(HTML) 3 Page - Microchip Technology

  MCP6231RT-E/OT Datasheet HTML 1Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 2Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 3Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 4Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 5Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 6Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 7Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 8Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2004 Microchip Technology Inc.
DS21881B-page 3
MCP6231/2
AC ELECTRICAL SPECIFICATIONS
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8 to 5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, RL = 100 kΩ to VDD/2 and CL = 60 pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
300
—
kHz
Phase Margin
PM
—
65
—
°
G = +1
Slew Rate
SR
—
0.10
—
V/µs
Noise
Input Noise Voltage
Eni
—
6.0
—
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—52
—
nV/
√Hz f = 1 kHz
Input Noise Current Density
ini
—0.6
—
fA/
√Hz f = 1 kHz
Electrical Characteristics: Unless otherwise indicated, VDD = +1.8V to +5.5V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Extended Temperature Range
TA
–40
—
+125
°C
Operating Temperature Range
TA
–40
—
+125
°C
Note
Storage Temperature Range
TA
–65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SC70
θ
JA
—
331
—
°C/W
Thermal Resistance, 5L-SOT-23
θ
JA
—
256
—
°C/W
Thermal Resistance, 8L-PDIP
θ
JA
—85
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—163
—
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
—206
—
°C/W
Note:
The internal Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com