Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6727B Datasheet(PDF) 4 Page - STMicroelectronics

Part # A6727B
Description  Automotive single-phase PWM controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727B Datasheet(HTML) 4 Page - STMicroelectronics

  A6727B Datasheet HTML 1Page - STMicroelectronics A6727B Datasheet HTML 2Page - STMicroelectronics A6727B Datasheet HTML 3Page - STMicroelectronics A6727B Datasheet HTML 4Page - STMicroelectronics A6727B Datasheet HTML 5Page - STMicroelectronics A6727B Datasheet HTML 6Page - STMicroelectronics A6727B Datasheet HTML 7Page - STMicroelectronics A6727B Datasheet HTML 8Page - STMicroelectronics A6727B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
3
Electrical specifications
3.1
Absolute maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
to GND
-0.3 to 15
V
VBOOT
to PHASE
to GND
-0.3 to 15
-0.3 to 45
V
VUGATE
to PHASE
to PHASE; t < 50 ns
to GND
-0.3 to (VBOOT- VPHASE) + 0.3
-1
VBOOT+ 0.3
V
VPHASE
to GND
-8 to 30
V
VLGATE
to GND
to GND; t < 50 ns
-0.3 to VCC + 0.3
-1
V
COMP
to GND
-0.3 to VCC + 0.3
V
Max.7
FB
to GND
-0.3 to VCC + 0.3
V
Max. 3.6
Note:
Stressing the device above the rating listed in this table may cause permanent damage to the device. These
are stress ratings only and operation of the device at these or any other conditions above those indicated in
the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Table 4. ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
2
kV
CDM non-corner pins
500
V
CDM corner pins
750
A6727B
Electrical specifications
DS14159 - Rev 2
page 4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com