Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1283IPT Datasheet(PDF) 16 Page - STMicroelectronics

Part # ADC1283IPT
Description  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283IPT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ADC1283IPT Datasheet HTML 12Page - STMicroelectronics ADC1283IPT Datasheet HTML 13Page - STMicroelectronics ADC1283IPT Datasheet HTML 14Page - STMicroelectronics ADC1283IPT Datasheet HTML 15Page - STMicroelectronics ADC1283IPT Datasheet HTML 16Page - STMicroelectronics ADC1283IPT Datasheet HTML 17Page - STMicroelectronics ADC1283IPT Datasheet HTML 18Page - STMicroelectronics ADC1283IPT Datasheet HTML 19Page - STMicroelectronics ADC1283IPT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
7.3
Interfacing the ADC1283
The conversion starts on a falling edge of CS and stops on a rising edge of CS. An internal 8-bit register contains
the address of the channel to be converted. 3 bits of this register are used to this purpose.
By default, if no value is written inside the register or if a wrong address is entered, channel 0 (IN0) is converted
and outputted on DOUT after the first conversion cycle. This address register is reset to its default value (IN0)
when (CS) goes high.
At the start of the conversion, the first data present on DOUT after 16 clock cycles is always channel 0 (IN0). To
get the information on another channel after starting conversion, 32 clock cycles are necessary (equivalent to two
12-bit words).
THE ADC1283 enters track mode under three different conditions. When (CS) goes low with SCLK high, the ADC
enters track mode on the first falling edge of SCLK. When (CS) goes low with SCLK low, the ADC automatically
enters track mode and the falling edge of (CS) is seen as the first falling edge of SCLK. Finally, when (CS) and
SCLK go low simultaneously, the ADC enters track mode. While there is no timing restriction with respect to the
rising edges of (CS) and SCLK, see Figure 5 for set-up and hold time requirements for the falling edge of (CS)
with respect to the rising edge of SCLK.
3 clock cycles are necessary to charge the capacitance to memorize the level of the signal. The signal is then
evaluated during 13 clock cycles. DOUT is always on the same format: four digital 0’s followed by 12-bit signal
(MSB first).
Conversion stops on (CS) turning high but if (CS) remains low, the ADC1283 continuously converts the analog
signal on the selected channel.
For further information, please look at the Application Note related to the ADC1283.
ADC1283
Interfacing the ADC1283
DS13932 - Rev 1
page 16/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com