Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALED7709ATR Datasheet(PDF) 36 Page - STMicroelectronics

Part # ALED7709ATR
Description  Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED7709ATR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ALED7709ATR Datasheet HTML 32Page - STMicroelectronics ALED7709ATR Datasheet HTML 33Page - STMicroelectronics ALED7709ATR Datasheet HTML 34Page - STMicroelectronics ALED7709ATR Datasheet HTML 35Page - STMicroelectronics ALED7709ATR Datasheet HTML 36Page - STMicroelectronics ALED7709ATR Datasheet HTML 37Page - STMicroelectronics ALED7709ATR Datasheet HTML 38Page - STMicroelectronics ALED7709ATR Datasheet HTML 39Page - STMicroelectronics ALED7709ATR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
7.14.7
Working mode M7 (Reg DIMCFG = 00xxx101b)
PWMI is sampled to recover duty-cycle and frequency to be applied to all the outputs; frequency is set as for
Table 13 while duty-cycle sets the output pulse duration following the exponential curve.
All the outputs go to OFF if the PWMI signal stays at LOW level for more than 20 ms.
Current can be set differently for each channel acting on the proper channel register GAINx.
7.14.8
Working mode M8 (Reg DIMCFG = 01xxxx01b)
PWMI directly controls the digital behavior of outputs; the PWMI signal is reconstructed by the internal clock but it
is not post-processed and so the LECC bit has no meaning.
Current can be set differently for each channel acting on the proper channel register GAINx.
7.14.9
Working mode M9 (Reg DIMCFG = 1xXXX000b)
PWM frequency is set by FDIM[2:0] bits as for Table 31 description while the PWM for all the outputs is defined by
registers PWM1H and PWM1L. The duty-cycle value written in the PWM1 registers is applied as is (liner curve) to
all the channels.
Current is set for all the channels by the register GAIN1 value.
7.14.10
Working mode M10 (Reg DIMCFG = 1xXXX100b)
PWM frequency is set by FDIM[2:0] bits as for Table 31 description while the PWM for all the outputs is defined by
register PWM1L only. The 8-bit value written in the PWM1L register is converted by exponential curve and applied
to all the channels.
Current is set for all the channels by the register GAIN1 value.
7.14.11
Working mode M11 (Reg DIMCFG = 1xXXX010b)
PWM frequency is set by FDIM[2:0] bits as for Table 31 description.
Being in mixed dimming mode, the value written in registers BRIGHT is used to compute both analog current and
PWM settings that are applied to all the channels. The conversion is based on linear curve.
Hereafter, a couple of examples to clarify the mode behavior, transition point is set to 25%:
1.
BRIGHT registers are programmed for setting 15%
a.
because of the linear curve application, the 16-bit value in BRIGHT registers is exactly the
brightness value to be considered, which results to be below the defined TP
b.
GAIN1, valid for all channels, is set at 25% of maximum
c.
PWM is set to a duty-cycle of 60% because to have 15% brightness with current set to 25% we need
to multiply by 4 the PWM
2.
BRIGHT registers are programmed for setting 60%
a.
because of the linear curve application, the 16-bit value in BRIGHT registers is exactly the
brightness value to be considered, which results to be above the defined TP
b.
GAIN1, valid for all channels, is set at 60% of maximum
c.
PWM is set at 100%, outputs always ON
7.14.12
Working mode M12 (Reg DIMCFG = 1xXXX110b)
PWM frequency is set by FDIM[2:0] bits as for Table 31 description.
Being in mixed dimming mode the value written in register BRIGHT is used to compute both analog current and
PWM settings that are applied to all the channels. The conversion is based on exponential curve and so only the
8-bit value in BRIGHT%L is considered for the final brightness computation.
Hereafter, a couple of examples to clarify the mode behavior, transition point is set to 25%:
1.
BRIGHT%L register is programmed for setting 65%
a.
because of the exponential curve application, the 8-bit value in BRIGHT%L register becomes 2.9%
brightness as value to be considered, which results to be below the defined TP
b.
GAIN1, valid for all channels, is set at 25% of maximum
c.
PWM is set to a duty-cycle of 11.6%; because to have 2.9% brightness with current set to 25% we
need to multiply by 4 the PWM
ALED7709
Table of different working modes
DS14214 - Rev 1
page 36/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com