Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LHB Datasheet(PDF) 3 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 3 Page - STMicroelectronics

  ASM330LHB Datasheet HTML 1Page - STMicroelectronics ASM330LHB Datasheet HTML 2Page - STMicroelectronics ASM330LHB Datasheet HTML 3Page - STMicroelectronics ASM330LHB Datasheet HTML 4Page - STMicroelectronics ASM330LHB Datasheet HTML 5Page - STMicroelectronics ASM330LHB Datasheet HTML 6Page - STMicroelectronics ASM330LHB Datasheet HTML 7Page - STMicroelectronics ASM330LHB Datasheet HTML 8Page - STMicroelectronics ASM330LHB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 131 page
background image
1
Overview
The ASM330LHB is a system-in-package featuring a high-performance 3-axis digital accelerometer and 3-axis
digital gyroscope.
This device is suitable for telematics and dead-reckoning applications as well as vehicle-to-vehicle (V2X) and
impact detection as a result of its high stability over temperature and time, combined with superior sensing
precision.
Supporting dual operating modes, the device has enhanced flexibility versus application requirements, leveraging
on multiple voltage and multiple ODR selections. The device also includes digital features like a finite state
machine and an ST proprietary machine learning core, allowing defined motion pattern detection or some
complex algorithms run in the application processor to be moved to the MEMS sensor with the advantage of
consistent reduction in power consumption.
The event-detection interrupts enable efficient and reliable motion-activated functions, implementing hardware
recognition of free-fall events, 6D orientation, activity or inactivity, and wake-up events.
Like the entire portfolio of MEMS sensor modules, the ASM330LHB leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The
various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces
are developed using CMOS technology that allows the design of a dedicated circuit, which is trimmed to better
match the characteristics of the sensing element.
The ASM330LHB is available in a small plastic land grid array (LGA) package of 2.5 x 3.0 x 0.83 mm to address
ultra-compact solutions.
This device, used in redundancy (as two modules) and in combination with a dedicated software library, has been
evaluated as compatible to be adopted in ASIL-B automotive applications. This solution is described in detail in
application note AN5691.
ASM330LHB
Overview
DS13773 - Rev 7
page 3/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com