Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-LPS Datasheet(PDF) 13 Page - STMicroelectronics

Part # BLUENRG-LPS
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LPS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button BLUENRG-LPS Datasheet HTML 9Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 10Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 11Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 12Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 13Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 14Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 15Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 16Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
•
The I/Os pull-up and pull-down can be controlled during DEEPSTOP mode, depending on the software
configuration
•
The low speed clock can be running or stopped, depending on the software configuration:
–
ON or OFF
–
Sourced by LSE or by LSI
•
The RTC, IWDG and LPUART stay active, if enabled and the low speed clock is ON
•
The radio wake-up block, including its timer, stay active (if enabled and the low speed clock is ON)
•
Up to 20 GPIOs retaining their configuration:
–
I/Os retain the RUN mode configuration while in DEEPSTOP mode
•
Up to 20 I/Os are able to be in output driving:
–
A static low or high level
•
Some I/Os are able to be in output driving:
–
The low speed clock (on PA10)
–
The RTC output (on PA8)
Possible wake-up sources are:
•
The radio block is able to generate two events to wake up the system through its embedded wake-up timer
running on low speed clock:
–
Radio wake-up time is reached
–
CPU host wake-up time is reached
•
The RTC can generate a wake-up event
•
The IWDG can generate a reset event
•
The LPUART is able to generate a wake-up event
•
All GPIOs are able to wake up the system
At wake-up, all the hardware resources located in the digital power domain that are OFF during the DEEPSTOP
mode, are reset. The CPU reboots. The wake-up reason is visible in the register of the power controller.
BlueNRG-LPS
Operating modes
DS13819 - Rev 4
page 13/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com